Electronic Components Datasheet Search
  English  ▼

X  

35472 Datasheet(PDF) 5 Page - MENDA

Part # 35472
Description  Series II Fume Extraction System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35472 Datasheet(HTML) 5 Page - MENDA

  35472 Datasheet HTML 1Page - MENDA 35472 Datasheet HTML 2Page - MENDA 35472 Datasheet HTML 3Page - MENDA 35472 Datasheet HTML 4Page - MENDA 35472 Datasheet HTML 5Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3651 Walnut Avenue, Chino, CA 91710
Phone: (909) 627-2453 • Web Site: MendaPump.com
© 2016 DESCO INDUSTRIES INC.
Employee Owned
TB-4015 Page 5 of 5
MENDA Series II Fume Extractor Specifications
Capacity:
90 CFM
Size:
height 20" x depth 10" x width 15.3"
Weight:
20 lbs. / 9 kg
Rated Output:
85 Watts
Electrical supply: 100 – 240 VAC, 1 phase
50-60 Hz
Full Load Current: 0.3A (0.65A)
Noise level:
< 55dBA
Filters:
Filter
Surface area
2.0 m²
Efficiency F7
95% @ 0.5µ
Duct Size:
50mm
Certification: TUV Approved
Made in China
Limited Warranty
Menda expressly warrants that for a period of one (1) year from the date of purchase, Menda Fume Extraction Units will be free of defects
in material (parts) and workmanship (labor). Within the warranty period, the product will be tested, repaired, or replaced at Menda’s option,
free of charge. Call our Customer Service Department at (909) 627-2453 for a Return Material Authorization (RMA) and proper shipping
instructions and address. Include a copy of your original packing slip, invoice, or other proof of purchase date. Any unit under warranty
should be shipped prepaid to the Menda factory. Warranty repairs will take approximately two weeks.
If your unit is out of warranty, call Customer Service at (909) 627-2453 for a Return Material Authorization (RMA) and proper shipping
instructions and address. Menda will quote repair charges necessary to bring your unit up to factory standards.
Warranty Exclusions
THE FOREGOING EXPRESS WARRANTY IS MADE IN LIEU OF ALL OTHER PRODUCT WARRANTIES, EXPRESSED AND IMPLIED,
INCLUDING MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE WHICH ARE SPECIFICALLY DISCLAIMED. The
express warranty will not apply to defects or damage due to accidents, neglect, misuse, alterations, operator error, or failure to properly
maintain, clean or repair products.
Limit of Liability
In no event will Menda or any seller be responsible or liable for any injury, loss or damage, direct or consequential, arising out of the use
of or the inability to use the product. Before using, users shall determine the suitability of the product for their intended use, and users
assume all risk and liability whatsoever in connection therewith.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com