Electronic Components Datasheet Search
  English  ▼

X  

CAB3B Datasheet(PDF) 5 Page - Clarke International

Part # CAB3B
Description  AIRBRUSH KIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAB3B Datasheet(HTML) 5 Page - Clarke International

  CAB3B Datasheet HTML 1Page - Clarke International CAB3B Datasheet HTML 2Page - Clarke International CAB3B Datasheet HTML 3Page - Clarke International CAB3B Datasheet HTML 4Page - Clarke International CAB3B Datasheet HTML 5Page - Clarke International CAB3B Datasheet HTML 6Page - Clarke International CAB3B Datasheet HTML 7Page - Clarke International CAB3B Datasheet HTML 8Page - Clarke International CAB3B Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
.
Ensure that the area in which you will be spraying is clean and dust free. To
obtain best results, it is vital that the surface to be sprayed is well prepared. It
must be clean and dry, and free from dust, dirt oil or grease. Mask areas not to
be sprayed and cover adjacent equipment to protect from overspray.
Check the paint manufacturer’s instructions for any special surface
preparation required.
REMEMBER - TIME SPENT PREPARING SAVES TIME SPENT FINISHING.
PAINT THINNING
Paint thinning is particularly important when spraying. Many paints are
supplied ready for brush application and need to be sufficiently diluted for
spraying purposes. Always follow the paint manufacturers instructions. If in
doubt, always consult the paint manufacturer.
The following information can be used as a rough guide.
• Water based paints (emulsions) 10-20% water.
• Oil based paints (gloss) up to 10% thinners.
• Cellulose paints up to 50% cellulose thinners.
If in any doubt, contact the paint manufacturer.
• DO NOT OVERFILL PAINT CONTAINER - never more than three
quarters full.
WARNING: NEVER SPRAY PAINT UNLESS YOU ARE WEARING SUITABLE,
APPROVED RESPIRATORY AND EYE PROTECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com