Electronic Components Datasheet Search
  English  ▼

X  

CAB3B Datasheet(PDF) 8 Page - Clarke International

Part # CAB3B
Description  AIRBRUSH KIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAB3B Datasheet(HTML) 8 Page - Clarke International

Back Button CAB3B Datasheet HTML 4Page - Clarke International CAB3B Datasheet HTML 5Page - Clarke International CAB3B Datasheet HTML 6Page - Clarke International CAB3B Datasheet HTML 7Page - Clarke International CAB3B Datasheet HTML 8Page - Clarke International CAB3B Datasheet HTML 9Page - Clarke International CAB3B Datasheet HTML 10Page - Clarke International CAB3B Datasheet HTML 11Page - Clarke International CAB3B Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
To obtain the best results, keep your airbrush level and parallel to the surface
at all times. Keep the nozzle 23 - 30 cm from the surface and spray evenly from
side to side or up and down.
The airbrush should be perpendicular to the surface being covered and
moved parallel to it. The stroke is best started before the trigger is pulled and
likewise released before the stroke is ended. This gives accurate control of the
airbrush and material.
Do not spray at an angle as this will lead to paint runs on the surface. Try to use
smooth and even strokes.
When spraying large areas, using a cris-cross pattern as shown.
Try to avoid starting or stopping the airbrush while it is aimed at the surface to
be sprayed. Evenly control the speed of movement of the airbrush.
• Moving quickly over the surface will give a thin coat and slow
movement will give a heavy coat.
• Apply one coat at a time. If a further coat is required, make sure you
observe the manufacturers drying time recommendations before
applying a second coat.
• When spraying small areas, keep the output control on a low setting
as this will avoid using too much paint and prevent overspray.
• Where possible, avoid stopping and starting when spraying an
object. This can lead to too much or not enough paint being
applied.
• The material deposited should always be even and wet. Lap each
stroke over the preceding stroke to obtain a uniform finish.
• To ensure the edges are covered, start spraying just to the side of the
area being sprayed and do not stop until the spray has gone past
the opposite edge.
• Damage to the needle or nozzle, or any of the air ports, will result in a
faulty spray pattern. Take care when cleaning or assembling these
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com