Electronic Components Datasheet Search
  English  ▼

X  

CAT205 Datasheet(PDF) 8 Page - Clarke International

Part # CAT205
Description  1/4”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT205 Datasheet(HTML) 8 Page - Clarke International

Back Button CAT205 Datasheet HTML 4Page - Clarke International CAT205 Datasheet HTML 5Page - Clarke International CAT205 Datasheet HTML 6Page - Clarke International CAT205 Datasheet HTML 7Page - Clarke International CAT205 Datasheet HTML 8Page - Clarke International CAT205 Datasheet HTML 9Page - Clarke International CAT205 Datasheet HTML 10Page - Clarke International CAT205 Datasheet HTML 11Page - Clarke International CAT205 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BEFORE USE
CONNECTING THE AIRLINE
NOTE: Ensure the air supply is turned off.
1. Remove the travel plug
2. Pour 2-3 drops of Clarke airline oil into the oil filling port. This should be done
regardless of whether or not a lubricated air supply is to be used.
3. If required, connect an in-line mini
oiler to the tool. Refer to the
instructions supplied with the mini-
oiler before use.
• A mini oiler helps to prolong the
life of any air tool.
4. Connect a suitable hose. This can
be done using either the male
adaptor supplied or using a mini
oiler from your CLARKE dealer.
5. If a mini-oiler is not being used, run a few drops of oil through the tool
before use. It can be entered through the airline connector or via the hose
at the nearest connection to the air supply.
6. Connect the other end of the hose to the compressor.
7. Turn on the air supply and check for air leaks. Rectify any found before
proceeding. Set the working pressure to 90psi/6.2 bar for best performance
• PTFE tape may be useful for sealing threaded connections.
8. Place a sheet of paper next the exhaust port and hold the throttle open for
approximately 30 seconds. The oil volume is correctly set when a light stain
of oil can be seen on the paper. Excessive oil should be avoided.
Your air tool is now ready for use.
You can fit a whip hose with a quick fit coupling if required (available from
your CLARKE dealer).
WARNING: COMPRESSED AIR CAN BE DANGEROUS. ENSURE THAT YOU
ARE FAMILIAR WITH ALL PRECAUTIONS RELATING TO THE USE OF AIR
COMPRESSORS AND A COMPRESSED AIR SUPPLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com