Electronic Components Datasheet Search
  English  ▼

X  

CAT205 Datasheet(PDF) 2 Page - Clarke International

Part # CAT205
Description  1/4”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT205 Datasheet(HTML) 2 Page - Clarke International

  CAT205 Datasheet HTML 1Page - Clarke International CAT205 Datasheet HTML 2Page - Clarke International CAT205 Datasheet HTML 3Page - Clarke International CAT205 Datasheet HTML 4Page - Clarke International CAT205 Datasheet HTML 5Page - Clarke International CAT205 Datasheet HTML 6Page - Clarke International CAT205 Datasheet HTML 7Page - Clarke International CAT205 Datasheet HTML 8Page - Clarke International CAT205 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Air Ratchet Wrench which is ideally
suited to quick removal and installation of nuts, bolts, and other fasteners
where space is limited.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATION
Model Number
CAT205
Part Number
3120522
Drive Type
1/4” Square
Max Torque
30 ft/lb (41 Nm)
Dimensions (L x W x H)
176 x 49 x 41 mm
Weight
0.55 kg
Max Operating Pressure
90 psi (6.2 bar)
Air Consumption
Average 4 cfm
Max No Load Speed
200 rpm
Reverse Action
Yes
Air Inlet Size
1/4“ BSP female
Sound Pressure Level (LpA dB)
86 dB(A)
Sound Power Level (LwA dB)
97 dB(A)
Uncertainty Factor
K=3
Vibration Levels
3.78 m/s2 (uncertainty factor K= 1.5m/s2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com