Electronic Components Datasheet Search
  English  ▼

X  

X10221MAT Datasheet(PDF) 1 Page - United Automation Ltd. All rights reserved

Part # X10221MAT
Description  110/230V Manual Phase Angle TRIAC Trigger Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10221MAT Datasheet(HTML) 1 Page - United Automation Ltd. All rights reserved

  X10221MAT Datasheet HTML 1Page - United Automation Ltd. All rights reserved X10221MAT Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V
YOU MUST READ THIS BEFORE INSTALLATION
ELECTRICAL SAFETY
INSTALLATION REQUIREMENTS
USER RESTRICTIONS
USAGE ENVIRONMENT
HOT SURFACE WARNING
WARNING: RISK OF ELECTRIC SHOCK
Always consult the Installation & Maintenance Instructions
before connecting this product to the power supply.
WARNING: Disconnect Power Before Servicing
Ensure the electrical supply is safely disconnected before
connecting to any supply, load, or control terminals.
WARNING: Installation by Qualified
Personnel Only
This product must only be installed or fitted by
a competent, qualified installer familiar with
the relevant electrical standards and
installation practices.
WARNING: Not for Use by Vulnerable Individuals
This product is not intended for use by persons
(including children) with reduced physical, sensory or
mental capabilities, or lack of experience and
knowledge, unless they are supervised or instructed
by a person responsible for their safety.
WARNING: Industrial Use Only
This is an industrial-grade product
and is not intended for household
use.
WARNING: Hot Surfaces
On certain models, surfaces marked
with this symbol become hot during
use. Avoid direct contact and follow all
thermal safety precautions.
More Info: https://united-automation.com/general-product-safety-regulation-gpsr/
1 July 2025 | Issue: 7 Page
1 of 2
TRIGGER MODULES | SINGLE PHASE
MAT
X10221
110/230V
Manual Phase Angle TRIAC Trigger Module
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
CONTACT US:
KEY FEATURES:
The
MAT Manual Phase Angle TRIAC Trigger Module is a versatile and
compact solution designed for precise power control in AC circuits. This module
is ideal for driving standard TRIACs in 230V or 110V AC regulator circuits, making
it suitable for a wide range of applications involving resistive or inductive loads.
The MAT module is housed in a robust, industrial-grade enclosure that is both
safe and tamperproof, ensuring long-term reliability and ease of use in demanding
environments. With a built-in manual control potentiometer and minimum output
trimmer, it offers users precise control over the phase angle for optimal
performance.
The
MAT Manual Phase Angle TRIAC Trigger Module is a reliable and efficient
choice for professionals seeking precise control over AC power in a wide range
of applications. Its compact design, solid-state reliability, and user-friendly
controls make it an essential component for industrial, commercial, and
residential power management systems.
Compact and Easy to
Install: Fits seamlessly
with single-hole panel
mounting.
Solid-State Reliability:
Durable construction for
long-term, maintenance-
free operation.
Manual Control
Potentiometer: Allows
precise adjustment of
phase angle.
Minimum Output
Trimmer: Built-in for setting
minimum output levels.
High Efficiency: Controls
power with minimal energy
loss.
Wide Compatibility:
Suitable for most AC
resistive or inductive loads.
High Isolation Voltage:
2500V RMS for enhanced
safety.
TECHNICAL SPECIFICATIONS
AC System Line Voltage
110/230V ± 10%
Line Frequency
50/60Hz
Minimum Offset at 110V
0-50%
Minimum Offset at 230V
0-50%
Conduction Phase Angle Typical 0-160°
Controlled Phase Angle Typical
30-160°
Isolation Voltage
2500V RMS
Maximum Leakage Current
6mA
Storage Temperature
0-85°C
Operating Temperature
0-65°C
Mounting Hole Diameter
10mm
APPLICATIONS:
The MAT Manual Phase Angle
TRIAC Trigger Module is
perfect for controlling AC power
in various settings, including:
Heating Systems
Lighting Control
Motor Speed Control
Industrial Equipment


Similar Part No. - X10221MAT

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
X10221 UNITEDAUTOMATION-X10221 Datasheet
429Kb / 3P
Up to 480V Universal Phase Angle Trigger Module
1 July 2025
More results

Similar Description - X10221MAT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1185A MOTOROLA-TDA1185A Datasheet
515Kb / 9P
Triac Phase Angle Controller
logo
Integral Corp.
ILA1185A INTEGRAL-ILA1185A Datasheet
141Kb / 3P
TRIAC PHASE ANGLE CONTROLLER
logo
IK Semicon Co., Ltd
ILA1185A IKSEMICON-ILA1185A Datasheet
187Kb / 4P
TRIAC PHASE ANGLE CONTROLLER
logo
Merrimac Industries, In...
PS-5-5B MERRIMAC-PS-5-5B Datasheet
95Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2A-60 MERRIMAC-PSM-2A-60 Datasheet
96Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2D-2250 MERRIMAC-PSM-2D-2250 Datasheet
99Kb / 1P
PHASE SHIFTER, MANUAL
PSM-4E-10B MERRIMAC-PSM-4E-10B Datasheet
101Kb / 1P
PHASE SHIFTERS, MANUAL
PSP-4-10B MERRIMAC-PSP-4-10B Datasheet
133Kb / 1P
PHASE SHIFTERS, MANUAL
logo
IK Semicon Co., Ltd
ILA1185A IKSEMICON-ILA1185A_11 Datasheet
125Kb / 4P
TRIAC PHASE ANGLE CONTROLLER
logo
Delta Electronics, Inc.
44600201 DELTA-44600201 Datasheet
278Kb / 1P
LT.LEDLT.LED MV and LT.LED 110/230V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com