Electronic Components Datasheet Search
  English  ▼

X  

X10221MAT Datasheet(PDF) 2 Page - United Automation Ltd. All rights reserved

Part # X10221MAT
Description  110/230V Manual Phase Angle TRIAC Trigger Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

X10221MAT Datasheet(HTML) 2 Page - United Automation Ltd. All rights reserved

  X10221MAT Datasheet HTML 1Page - United Automation Ltd. All rights reserved X10221MAT Datasheet HTML 2Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X10224 TRIGGER MODULES | SINGLE PHASE
MAT
110, 230V
Manual Phase Angle TRIAC Trigger Module
BMF House - Wight Moss Way,
Southport Business Park
Southport PR8 4HQ
ENGLAND, UNITED KINGDOM
Contact Us:
0044 (0) 1704-516 501
enquiries@united-automation.com
www.united-automation.com
unitedautomationltd
UA_Limited
1 July 2025 | Issue: 7
Page
2 of 2
INSTALLATION
WARNING: LIVE TERMINALS
– Switch off mains supply
before commencing any
service work
RECOMMENDATIONS
FUSING
It is recommended to use semiconductor fast acting type fuses or circuit breakers (Semiconductor-
MCB) for unit/device protection. On initial ‘switch on’ some loads may need an increased Factor of
Safety (F of S) for unit and/or device protection. (See the SRA Datasheet for further information).
DOCUMENTS
Other documents available on request, which may be appropriate for your application:
Code
Identity
Description
X10229
RFI
Filter recommendations: Addressing the EMC Directive
X10213
ITA
Interaction: Uses for phase angle and for burst fire control
X10255
SRA
Safety Requirements: Addressing the Low Voltage Directive (LVD) including,
Thermal Data/Cooling, Live Parts Warning, Earthing Requirements and
Fusing Recommendations
X10378
ILR
Inductive loads remedy sheet for use with phase angle controllers
P01.1
COS
UAL Conditions of Sale
It is recommended that installation and maintenance of this equipment should be done with reference to the
current edition of the I.E.T. regulations (BS7671) by suitably qualified/trained personnel. The regulations contain
important requirements regarding the safety of electrical equipment. For International standards refer
STANDARDS on D of C.
OPTIONAL EXTRAS
Product Code
Product Description
Available on request
TRIAC
Z01062
1g Heatsink compound syringe
PRODUCT CODE AND RELATED PRODUCT CODE
Product Code
Product Description
A31414
MAT- Manual Phase Angle TRIAC Trigger Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com