Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 65 Page - Texas Instruments

Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 61Page - Texas Instruments AM2434 Datasheet HTML 62Page - Texas Instruments AM2434 Datasheet HTML 63Page - Texas Instruments AM2434 Datasheet HTML 64Page - Texas Instruments AM2434 Datasheet HTML 65Page - Texas Instruments AM2434 Datasheet HTML 66Page - Texas Instruments AM2434 Datasheet HTML 67Page - Texas Instruments AM2434 Datasheet HTML 68Page - Texas Instruments AM2434 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 282 page
background image
Table 5-17. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
TRC_DATA23 (1)
O
Trace Data 23
R19
(1)
This TRC_DATA signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details.
MCU Domain Instances
Table 5-18. JTAG Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
EMU0
IO
Emulation Control 0
D10
C5
EMU1
IO
Emulation Control 1
E10
B3
TCK
I
JTAG Test Clock Input
B11
C6
TDI
I
JTAG Test Data Input
C11
A3
TDO
OZ
JTAG Test Data Output
A12
B5
TMS
I
JTAG Test Mode Select Input
C12
B4
TRSTn
I
JTAG Reset
D11
B6
5.3.8 EPWM
MAIN Domain Instances
Table 5-19. EPWM Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
EHRPWM_SOCA
O
EPWM Start of Conversion A
C17
B14
EHRPWM_SOCB
O
EPWM Start of Conversion B
D17
A15
EHRPWM_TZn_IN0
I
EPWM Trip Zone Input 0 (active low)
T18
T19
EHRPWM_TZn_IN1
I
EPWM Trip Zone Input 1 (active low)
V21
U19
EHRPWM_TZn_IN2
I
EPWM Trip Zone Input 2 (active low)
R16, R20
V20
EHRPWM_TZn_IN3 (1)
I
EPWM Trip Zone Input 3 (active low)
P16
EHRPWM_TZn_IN4 (2)
I
EPWM Trip Zone Input 4 (active low)
P17, P19
EHRPWM_TZn_IN5 (3)
I
EPWM Trip Zone Input 5 (active low)
R21, Y18
(1)
The EHRPWM_TZn_IN3 signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
(2)
The EHRPWM_TZn_IN4 signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
(3)
The EHRPWM_TZn_IN5 signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
Table 5-20. EPWM0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
EHRPWM0_A
IO
EPWM Output A
U20
V21
EHRPWM0_B
IO
EPWM Output B
U18
U21
EHRPWM0_SYNCI
I
Sync Input to EPWM module from an external pin
T20
R21
EHRPWM0_SYNCO
O
Sync Output from EPWM module to an external pin
U21
R20
Table 5-21. EPWM1 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
EHRPWM1_A
IO
EPWM Output A
U19
T20
EHRPWM1_B
IO
EPWM Output B
V20
T18
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com