Electronic Components Datasheet Search
  English  ▼

X  

AM2434 Datasheet(PDF) 71 Page - Texas Instruments

Part # AM2434
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM2434 Datasheet HTML 67Page - Texas Instruments AM2434 Datasheet HTML 68Page - Texas Instruments AM2434 Datasheet HTML 69Page - Texas Instruments AM2434 Datasheet HTML 70Page - Texas Instruments AM2434 Datasheet HTML 71Page - Texas Instruments AM2434 Datasheet HTML 72Page - Texas Instruments AM2434 Datasheet HTML 73Page - Texas Instruments AM2434 Datasheet HTML 74Page - Texas Instruments AM2434 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 282 page
background image
Table 5-41. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
GPIO1_5
IO
General Purpose Input/Output
R3
F2
GPIO1_6
IO
General Purpose Input/Output
T3
H2
GPIO1_7
IO
General Purpose Input/Output
T1
E2
GPIO1_8
IO
General Purpose Input/Output
T2
H5
GPIO1_9
IO
General Purpose Input/Output
W6
Y3
GPIO1_10
IO
General Purpose Input/Output
AA5
U1
GPIO1_11
IO
General Purpose Input/Output
Y3
L1
GPIO1_12
IO
General Purpose Input/Output
AA3
K1
GPIO1_13
IO
General Purpose Input/Output
R6
N1
GPIO1_14
IO
General Purpose Input/Output
V4
N2
GPIO1_15
IO
General Purpose Input/Output
T5
N4
GPIO1_16
IO
General Purpose Input/Output
U4
N3
GPIO1_17
IO
General Purpose Input/Output
U1
E1
GPIO1_18
IO
General Purpose Input/Output
V1
K4
GPIO1_19
IO
General Purpose Input/Output
W1
G2
GPIO1_20
IO
General Purpose Input/Output
Y2
L5
GPIO1_21
IO
General Purpose Input/Output
W2
J2
GPIO1_22
IO
General Purpose Input/Output
V3
M2
GPIO1_23
IO
General Purpose Input/Output
T4
L2
GPIO1_24
IO
General Purpose Input/Output
W3
L3
GPIO1_25
IO
General Purpose Input/Output
P4
E3
GPIO1_26
IO
General Purpose Input/Output
R5
F5
GPIO1_27
IO
General Purpose Input/Output
W5
T5
GPIO1_28
IO
General Purpose Input/Output
R1
F4
GPIO1_29
IO
General Purpose Input/Output
Y5
R2
GPIO1_30
IO
General Purpose Input/Output
V6
U2
GPIO1_31
IO
General Purpose Input/Output
W4
P1
GPIO1_32
IO
General Purpose Input/Output
Y4
P2
GPIO1_33
IO
General Purpose Input/Output
T6
T4
GPIO1_34
IO
General Purpose Input/Output
U6
R5
GPIO1_35
IO
General Purpose Input/Output
U5
M4
GPIO1_36
IO
General Purpose Input/Output
AA4
T3
GPIO1_37
IO
General Purpose Input/Output
V5
T1
GPIO1_38
IO
General Purpose Input/Output
P5
D1
GPIO1_39
IO
General Purpose Input/Output
R2
F3
GPIO1_40
IO
General Purpose Input/Output
P2
E4
GPIO1_41
IO
General Purpose Input/Output
P3
D2
GPIO1_42 (2)
IO
General Purpose Input/Output
D12
GPIO1_43
IO
General Purpose Input/Output
C13
B7
GPIO1_44
IO
General Purpose Input/Output
D13
B8
GPIO1_45
IO
General Purpose Input/Output
A13
A8
GPIO1_46
IO
General Purpose Input/Output
A14
C9
GPIO1_47 (2)
IO
General Purpose Input/Output
B14
GPIO1_48 (2)
IO
General Purpose Input/Output
D14
GPIO1_49 (2)
IO
General Purpose Input/Output
C14
GPIO1_50 (2)
IO
General Purpose Input/Output
B15
GPIO1_51 (2)
IO
General Purpose Input/Output
A15
GPIO1_52
IO
General Purpose Input/Output
D15
B10
GPIO1_53
IO
General Purpose Input/Output
C16
B11
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com