Electronic Components Datasheet Search
  English  ▼

X  

AMC0200D Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC0200D_V01 Datasheet HTML 18Page - Texas Instruments AMC0200D_V01 Datasheet HTML 19Page - Texas Instruments AMC0200D_V01 Datasheet HTML 20Page - Texas Instruments AMC0200D_V01 Datasheet HTML 21Page - Texas Instruments AMC0200D_V01 Datasheet HTML 22Page - Texas Instruments AMC0200D_V01 Datasheet HTML 23Page - Texas Instruments AMC0200D_V01 Datasheet HTML 24Page - Texas Instruments AMC0200D_V01 Datasheet HTML 25Page - Texas Instruments AMC0200D_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
7 Detailed Description
7.1 Overview
The AMC0x00D is a precision, galvanically isolated amplifier with a ±250mV, differential input and differential
output. The input stage of the device drives a second-order, delta-sigma (ΔΣ) modulator. The modulator converts
the analog input signal into a digital bitstream that is transferred across the isolation barrier that separates the
high-side from the low-side.
On the low-side, the received bitstream is processed by a fourth-order analog filter that outputs a differential
signal at the OUTP and OUTN pins. This differential output signal is proportional to the input signal.
The SiO2-based, capacitive isolation barrier supports a high level of magnetic field immunity, as described in the
ISO72x Digital Isolator Magnetic-Field Immunity application note. The digital modulation used in the AMC0x00D
transmits data across the isolation barrier. This modulation, and the isolation barrier characteristics, result in high
reliability and high common-mode transient immunity.
7.2 Functional Block Diagram
VDD2
OUTP
OUTN
GND2
GND1
INP
INN
VDD1
Analog Filter
ΔΣ Modulator
Reference
20 MHz Oscillator
AMC0200D, AMC0300D
SBASAR7A – SEPTEMBER 2025 – REVISED JUNE 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com