Electronic Components Datasheet Search
  English  ▼

X  

AMC0200D Datasheet(PDF) 29 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 29 Page - Texas Instruments

Back Button AMC0200D_V01 Datasheet HTML 25Page - Texas Instruments AMC0200D_V01 Datasheet HTML 26Page - Texas Instruments AMC0200D_V01 Datasheet HTML 27Page - Texas Instruments AMC0200D_V01 Datasheet HTML 28Page - Texas Instruments AMC0200D_V01 Datasheet HTML 29Page - Texas Instruments AMC0200D_V01 Datasheet HTML 30Page - Texas Instruments AMC0200D_V01 Datasheet HTML 31Page - Texas Instruments AMC0200D_V01 Datasheet HTML 32Page - Texas Instruments AMC0200D_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
8.2.3 Application Curve
One important aspect of power-stage design is the effective detection of an overcurrent condition to protect the
switching devices and passive components from damage. To power off the system quickly in the event of an
overcurrent condition, the isolated amplifier is required to have low signal delay. Figure 8-4 shows the typical
full-scale step response of the AMC0x00D.
0
5
10
15
20
25
30
35
40
45
50
Time (µs)
-1
-0.5
0
0.5
1
1.5
2
2.5
3
VINP
VOUTP
VOUTN
G087
Figure 8-4. Step Response of the AMC0x00D
8.3 Best Design Practices
Place a minimum 10nF capacitor at the device input (from INP to INN). This capacitor helps avoid voltage droop
at the input during the sampling period of the switched-capacitor input stage.
Do not short GND1 to INN directly at the device input. For best accuracy, route the ground connection as a
separate trace that connects directly to the shunt resistor. See the Layout Example section for more details.
Do not leave the inputs of the AMC0x00D unconnected (floating) when the device is powered up. If the device
inputs are left floating, the input bias current potentially drives the inputs to a positive value that exceeds the
operating common-mode input voltage. This condition causes the device to output the fail-safe voltage described
in the Analog Output section.
Connect the high-side ground (GND1) to INN, either by a hard short or through a resistive path. A DC current
path between INN and GND1 is required to define the input common-mode voltage. Do not exceed the input
common-mode range specified in the Recommended Operating Conditions table.
8.4 Power Supply Recommendations
In a typical application, the high-side power supply (VDD1) for the AMC0x00D is generated from the low-side
supply (VDD2) by an isolated DC/DC converter. A low-cost option is based on the push-pull driver SN6501 and a
transformer that supports the desired isolation voltage ratings.
The AMC0x00D does not require any specific power-up sequencing. The high-side power supply (VDD1) is
decoupled with a low-ESR, 100nF capacitor (C1) parallel to a low-ESR, 1μF capacitor (C2). The low-side power
supply (VDD2) is equally decoupled with a low-ESR, 100nF capacitor (C3) parallel to a low-ESR, 1μF capacitor
(C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible. Figure 8-5 shows a
decoupling diagram for the AMC0x00D.
www.ti.com
AMC0200D, AMC0300D
SBASAR7A – SEPTEMBER 2025 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com