Electronic Components Datasheet Search
  English  ▼

X  

AM261...ZNC Datasheet(PDF) 69 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 65Page - Texas Instruments AM261...ZNC Datasheet HTML 66Page - Texas Instruments AM261...ZNC Datasheet HTML 67Page - Texas Instruments AM261...ZNC Datasheet HTML 68Page - Texas Instruments AM261...ZNC Datasheet HTML 69Page - Texas Instruments AM261...ZNC Datasheet HTML 70Page - Texas Instruments AM261...ZNC Datasheet HTML 71Page - Texas Instruments AM261...ZNC Datasheet HTML 72Page - Texas Instruments AM261...ZNC Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 218 page
background image
Table 5-38. LIN2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
LIN2_RXD
IO
LIN Receive Data
B8
B10
B8
A10
LIN2_TXD
IO
LIN Transmit Data
A8
A10
C9
B9
5.3.14 MCAN
Table 5-39. MCAN0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
MCAN0_RX
I
MCAN Receive Data
B6, E16, G3,
L17, M1
B7, F19, H2,
P1, R19
E13, E2, J3,
K15
D19, E1, K2,
N17
MCAN0_TX
O
MCAN Transmit Data
A4, F16, H2,
L1, L18
A6, G19, H1,
P2, R20
D15, E1, K1,
K16
E19, F1, L1,
P19
Table 5-40. MCAN1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
MCAN1_RX
I
MCAN Receive Data
B14, B5, F18,
L2, N16
A16, B6, H20,
N2, R17
D13, D14, K2,
L16
B15, G18, J2,
P18
MCAN1_TX
O
MCAN Transmit Data
A14, B4, G16,
K1, M17
A5, B16, H19,
N1, T18
C13, D16, J2,
L14
A15, F18, K1,
R19
5.3.15 MMC
Table 5-41. MMC0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
MMC0_CD
I
MMC/SD Card Detect
A5, D9
A7, C9
C11
MMC0_CLK
IO
MMC/SD Clock
B6, C11
B13, B7
B11
C13
MMC0_CMD
IO
MMC/SD Command
A11, A4
A13, A6
A12
A12
MMC0_WP
I
MMC/SD Write Protect
B10, C6
B4, D10
A9
MMC0_D0
IO
MMC/SD Data
B5, C10
B12, B6
A10
B12
MMC0_D1
IO
MMC/SD Data
B11, B4
A5, C12
A11
B11
MMC0_D2
IO
MMC/SD Data
A3, C9
B5, D11
B9
MMC0_D3
IO
MMC/SD Data
A10, A2
A12, A4
B10
5.3.16 OSPI
Table 5-42. OSPI0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
OSPI0_CLK
O
OSPI0 Clock
H2, K1, L2,
N2
H1, M3, N1,
N2
E1, J2, K2, L2
F1, J2, K1,
M2
OSPI0_DQS
I
OSPI0 Data Strobe (DQS) or
Loopback Clock input
L2, M1, M3
N2, P1, R4
J3, K2, L1
J2, K2, M1
OSPI0_ECC_FAIL
I
OSPI0 ECC Failure Status Pin
A9, B10, H1,
K3, M2
A11, D10, J3,
M1, M2
A9, C10, G1,
H1
A11, J1, J3
OSPI0_LBCLKO (1)
O
OSPI0 Loopback Clock output
L3
T3
M1
L2
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com