Electronic Components Datasheet Search
  English  ▼

X  

AM261...ZNC Datasheet(PDF) 78 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 74Page - Texas Instruments AM261...ZNC Datasheet HTML 75Page - Texas Instruments AM261...ZNC Datasheet HTML 76Page - Texas Instruments AM261...ZNC Datasheet HTML 77Page - Texas Instruments AM261...ZNC Datasheet HTML 78Page - Texas Instruments AM261...ZNC Datasheet HTML 79Page - Texas Instruments AM261...ZNC Datasheet HTML 80Page - Texas Instruments AM261...ZNC Datasheet HTML 81Page - Texas Instruments AM261...ZNC Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 218 page
background image
Table 5-59. External Reference Clock Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EXT_REFCLK0
I
External Reference Clock Input
P2
U2
P3
T1
5.3.21.3 Emulation and Debug
Table 5-60. Trace Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
TRC_CLK
O
Trace Clock
D15, K16
C18, L20
G15
B16, J19
TRC_CTL
O
Trace Control
C15, G17
C19, K19
F14
B17, G17
TRC_DATA0
O
Trace Data 0
F15, K17
F20, N17
K14
E18, M18
TRC_DATA1
O
Trace Data 1
C18, K18
E20, N19
H14
L19
TRC_DATA2
O
Trace Data 2
D17, J18
E19, M18
G16
K19
TRC_DATA3
O
Trace Data 3
D18, J17
G18, M20
J14
C19, L17
TRC_DATA4
O
Trace Data 4
E16
F19
E13
D19
TRC_DATA5
O
Trace Data 5
F16
G19
D15
E19
TRC_DATA6
O
Trace Data 6
F18
H20
D14
G18
TRC_DATA7
O
Trace Data 7
G16
H19
D16
F18
TRC_DATA8
O
Trace Data 8
E17
H17
E17
TRC_DATA9
O
Trace Data 9
E18
G20
F19
TRC_DATA10
O
Trace Data 10
C16
B20
B18
TRC_DATA11
O
Trace Data 11
A17
E18
A18
TRC_DATA12
O
Trace Data 12
B18
F17
D18
TRC_DATA13
O
Trace Data 13
B17
D20
C18
TRC_DATA14
O
Trace Data 14
D16
C20
B19
TRC_DATA15
O
Trace Data 15
C17
D19
C17
Table 5-61. JTAG Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
TCK
I
JTAG Test Clock Input
B3
D4
C6
B6
TDI
I
JTAG Test Data Input
C5
C5
D5
C7
TDO
O
JTAG Test Data Output
C4
E5
B5
A7
TMS
IO
JTAG Test Mode Select Input
D5
D6
C7
B7
5.3.21.4 SYSTEM
Table 5-62. System Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PORz
I
Device Power-On (PORz) cold reset
R2
V3
P2
T2
SAFETY_ERRORn
IO
ESM Safety Error Signal
D4, M2, P2
E3, M1, U2
B3, H1, P3
C5, J3, T1
WARMRSTn
IO
Warm Reset Request (Input) / Warm
Reset Status (Output)
C3
G3
C3
C3
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
78
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com