Electronic Components Datasheet Search
  English  ▼

X  

AMC0200RDR Datasheet(PDF) 25 Page - Texas Instruments

Part # AMC0200RDR
Description  AMC0x00R Precision, ±250-mV Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200RDR Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC0200RDR Datasheet HTML 21Page - Texas Instruments AMC0200RDR Datasheet HTML 22Page - Texas Instruments AMC0200RDR Datasheet HTML 23Page - Texas Instruments AMC0200RDR Datasheet HTML 24Page - Texas Instruments AMC0200RDR Datasheet HTML 25Page - Texas Instruments AMC0200RDR Datasheet HTML 26Page - Texas Instruments AMC0200RDR Datasheet HTML 27Page - Texas Instruments AMC0200RDR Datasheet HTML 28Page - Texas Instruments AMC0200RDR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AGND
INP
INN
CINN = 3pF
AGND
CINN = 3pF
270
270
CIND = 1.8pF
AGND
AGND
AGND + 0.8V
AGND + 0.8V
S1
S1
S2
S2
RIN = 27.5k
INP
INN
3pF
AGND
3pF
AGND
Equivalent circuit
RIN =
(20MHz x 1.8pF)
1
Figure 7-1. Equivalent Input Circuit
The analog input range is tailored to directly accommodate a voltage drop across a shunt resistor used for
current sensing. There are two restrictions on the analog input signals (INP and INN).
• First, if the input voltage exceeds the input range specified in the Absolute Maximum Ratings table, limit the
input current to the absolute maximum value. This is to prevent device input electrostatic discharge (ESD)
diode damage due to high current.
• Second, keep the differential analog input voltage within the specified full-scale range ( VFSR ) and input
common-mode voltage range (VCM) ranges. VFSR and VCMare specified in the Recommended Operating
Conditions table. The device noise and linearity performance is specified only in this range.
www.ti.com
AMC0300R, AMC0200R
SBASAR9A – DECEMBER 2025 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AMC0300R AMC0200R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com