Electronic Components Datasheet Search
  English  ▼

X  

S200 Datasheet(PDF) 9 Page - ABB

Part # S200
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S200 Datasheet(HTML) 9 Page - ABB

Back Button S200 Datasheet HTML 5Page - ABB S200 Datasheet HTML 6Page - ABB S200 Datasheet HTML 7Page - ABB S200 Datasheet HTML 8Page - ABB S200 Datasheet HTML 9Page - ABB S200 Datasheet HTML 10Page - ABB S200 Datasheet HTML 11Page - ABB S200 Datasheet HTML 12Page - ABB S200 Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9
System
pro M compact ®
Tripping characteristics
thermal release
electromagnetic release
acc. to
tripping characteristic
current:
tripping time
currents:
tripping time
and rated current
conventional
conventional
hold
trip
non-triping c.
tripping c.
current surges
at least at
DIN VDE
B
6 to 63 A
1.13 · In
> 1 h
3 · In
> 0.1 s
0641/T 11
1.45 · In
< 1 h
5 · In
< 0.1 s
C
0.5 to 63 A
1.13 · In
> 1 h
5 · In
> 0.1 s
1.45 · In
< 1 h
10 · In
< 0.1 s
D
0.5 to 63 A
1.13 · In
> 1 h
10 · In
> 0.1 s
1.45 · In
< 1 h
20 · In
< 0.1 s
DIN VDE 0660/9.82
K
0.5 to 63 A
1.05 · In
> 1 h
1.2 · In
< 1 h
not applicable
DIN VDE 0660
1.05 · In
> 2 h
8 · In
> 0.2 s
8/69
1.2 · In
< 2 h
12 · In
< 0.2 s
Part 1
1.5 · In
< 2 min.
6.0 · In
> 2 s (T1)
DIN VDE 0660/9.82
Z
0.5 to 63 A
1.05 · In
> 1 h
1.2 · In
< 1 h
not applicable
DIN VDE 0660
1.05 · In
> 2 h
2 · In
> 0.2 s
8/69
1.2 · In
< 2 h
3 · In
< 0.2 s
Part 1
1.5 · In
< 2 min.
6.0 · In
> 2 s (T1)
The thermal releases are calibrated to a nominal reference ambient temperature; for Z
and K, the value is 20 °C, for B and C = 30 °C. In the case of higher ambient
temperatures, the current values fall by ca. 6% for each 10 K temperature rise.
as from operating temperature (after I
1 > 1 h or, as applicable, 2 h).
The standard DIN VDE 0660/9.69 has expired in 1986, but is still referred to due to its
complete statement of the tripping characteristics.
The indicated tripping values of electromagnetic tripping devices apply to a frequency
range of 16 2/3 ... 60 Hz. In the case of diverging frequencies or direct current, the values
change by the factor indicated below
Miniature circuit-breakers
S 200/S 200 M series
alternating current
direct current
100 Hz
200 Hz
400 Hz
factor ca.
1.1
1.2
1.5
1.5
The thermal release operates independently of voltagest.
operating sequence: B and C according to DIN VDE 0641, DIN VDE 0660 Part 101 I
CS
K and Z according to IEC 947
Short circuit rupturing capacity and back-up
series
alternating current
direct current
Max. back-up
trip characteristic 1phase
2/3phase
1pole
rated current
133 V
230 V
230 V
400 V
60 V ...
main
133/230 V
230/400 V
fuse
circuit-br.
A
kA/cos
ϕ
kA/cos
ϕ
kA/cos
ϕ
kA/cos
ϕ
kA/T
ms
gL
S 700
S 200-B
6
63 A
100 A
S 200 M-B
10 ... 20
10/0.5
6/0.7
10/0.5
6/0.7
10/4.0
100 A
100 A
25 ... 32
100 A
100 A
40
10/0.5
10/0.5
125 A
100 A
50 ... 63
(S 200 M-B)
(S 200 M-B)
160 A
100 A
S 200-C
0.5 ... 2
unlimited
not required
S 200 M-C
3 ... 4
20 A
–
S 200-D
6
40 A
100 A
8
10/0.5
6/0.7
10/0.5
6/0.7
10/4.0
63 A
100 A
10 ... 20
100 A
100 A
25 ... 32
10/0.5
10/0.5
100 A
100 A
40
( S 200 M-C)
(S 200 M-C)
125 A
100 A
50 ... 63
160 A
100 A
S 200-K
0.5 ... 2
unlimited
not required
3
20 A
–
4
25 A
–
6 ... 10
63 A
100 A
16 ... 20
10/0.5
6/0.7
10/0.5
6/0.7
10/4.0
80 A
100 A
25 ... 32
100 A
100 A
40
125 A
100 A
50 ... 63
160 A
100 A
S 200-Z
0.5 ... 2
unlimited
not required
3 ... 4
20 A
–
6
35 A
100 A
8
40 A
100 A
10 ... 16
10/0.5
6/0.7
10/0.5
6/0.7
10/4.0
63 A
100 A
20 ... 25
80 A
100 A
32 ... 40
100 A
100 A
50 ... 63
125 A
100 A
In symmetrically earthed direct current circuits, 2-pole devices (two poles connected in series) can be used up to 110 VDC. Any connection is possible,
polarity does not need to be taken into account.
Back-up protection is necessary only if the solid short-circuit current to be expected at the place of installation may exceed the switching capacity indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com