Electronic Components Datasheet Search
  English  ▼

X  

S200 Datasheet(PDF) 10 Page - ABB

Part # S200
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S200 Datasheet(HTML) 10 Page - ABB

Back Button S200 Datasheet HTML 6Page - ABB S200 Datasheet HTML 7Page - ABB S200 Datasheet HTML 8Page - ABB S200 Datasheet HTML 9Page - ABB S200 Datasheet HTML 10Page - ABB S200 Datasheet HTML 11Page - ABB S200 Datasheet HTML 12Page - ABB S200 Datasheet HTML 13Page - ABB S200 Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
System
pro M compact ®
SK 0112 Z 99
SK 0113 Z 99
Miniature circuit-breakers
S 200/S 200 M series
2
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15
1
1.2
4
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15
3
15
15
15
15
15
15
15
10
10
0.3
0.7
1.2
4.6
6
6
6
6
6
6
4
15
15
15
15
15
15
15
10
10
0.3
0.6
0.9
2.8
6
6
6
6
6
6
6
15
15
15
15
15
15
15
10
10
0.2
0.5
0.8
2
3.3
5.5
6
6
6
6
8
15
15
15
15
15
15
15
10
10
0.2
0.4
0.7
1.7
2.8
4.5
6
6
6
6
10
15
15
15
15
15
15
15
10
10
0.2
0.4
0.7
1.5
2.5
3.5
5
6
6
6
13
15
15
15
15
15
15
15
10
10
0.7
1.5
2.5
3.5
5
6
6
6
16
15
15
15
15
15
15
15
10
10
1.3
2
2.9
4.1
6
6
6
20
15
15
15
15
15
15
10
10
1.8
2.6
3.5
5
6
6
25
15
15
15
15
15
10
10
1.8
2.6
3.5
5
6
6
32
15
15
15
15
10
10
2.2
3
4
6
6
40
**
15
15
15
10
10
2.5
4
6
6
50/63
15
15
10
10
3.5
5
6
2
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 0.3
1.2
4
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15
3
10
10
10
10
10
10
10
10
10
0.3
0.7
1.2
4.6
6
6
6
6
6
6
4
10
10
10
10
10
10
10
10
10
0.3
0.6
0.9
2.8
6
6
6
6
6
6
6
10
10101010101010
10
0.7
1.7
3
5.9
6
6
6
6
8
10
10101010101010
10
1.3
2.2
3.6
6
6
6
6
10
10
10
10
10
10
10
10
10
10
1.7
2.5
4
6
6
6
16
10
10
10
10
10
10
10
10
10
2.2
3.1
4.6
6
6
20
10
10
10
10
10
10
10
10
3.1
4.6
6
6
25
10
10
10
15
10
10
10
2.6
3.5
6
6
32
10
10
10
10
10
10
3.5
6
6
40
**
10
10
10
10
10
5.5
6
50/63
10
10
10
10
6
2
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 0.5
2
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15
3
10
10101010101010
10
0.3
0.7
1.2
6
6
6
6
6
6
6
4
10
10101010101010
10
0.3
0.6
1.3
7
6
6
6
6
6
6
6
10
10
10
10
10
10
10
10
10
0.2
0.5
0.9
2.7
6
6
6
6
6
6
8
10
10
10
10
10
10
10
10
10
0.2
0.5
0.6
1.7
3.8
6
6
6
6
6
10
10
10
10
10
10
10
10
10
10
0.4
0.6
1.3
2.4
4
6
6
6
6
16
10
10
10
10
10
10
10
10
10
0.5
1.1
1.7
3
4.5
6
6
6
20
10
10
10
10
10
10
10
10
0.9
1.5
2.3
3.5
5.2
6
6
25
10
10
10
15
10
10
10
1.4
2
3
4
6
6
32
10
10
10
10
10
10
1.4
2
3
4
6
6
40
**
10
10
10
10
10
2
3
4
6
6
50/63
10
10
10
10
2.2
3.5
5.8
6
S 200 M-B, C
Current values smaller
than 6 A and 8 A,
apply only to
C characteristics.
Short circuit selectivity: In the case of a short circuit, selectivity exists up to the values indicated.
I
n
16
20
25
35
40
50
63
80
100
16
20
25
35
50
63
80
100
125
160
A
2
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15
1
1.2
4
Œ15 Œ15 Œ15 Œ15 Œ15 Œ15 Œ15
3
10
10
10
10
10
10
10
8
8
0.3
0.7
1.2
4.6
6
6
6
6
6
6
4
10
10
10
10
10
10
10
8
8
0.3
0.6
0.9
2.8
6
6
6
6
6
6
6
10
10
10
10
10
10
10
8
8
0.2
0.5
0.8
2
3.3
5.5
6
6
6
6
8
10
10
10
10
10
10
10
8
8
0.2
0.4
0.7
1.7
2.8
4.5
6
6
6
6
10
10
10
10
10
10
10
10
8
8
0.2
0.4
0.7
1.5
2.5
3.5
5
6
6
6
13
10
10
10
10
10
10
10
8
8
0.7
1.5
2.5
3.5
5
6
6
6
16
10
10
10
10
10
10
10
8
8
1.3
2
2.9
4.1
6
6
6
20
10
10
10
10
10
10
8
8
1.8
2.6
3.5
5
6
6
25
10
10
10
10
10
8
8
1.8
2.6
3.5
5
6
6
32
10
10
10
10
8
8
2.2
3
4
6
6
40
**
10
10
10
8
8
2.5
4
6
6
6
50/63
10
10
8
8
3,5
5
6
series
S 200-B, C, D
Current values smaller
than 6 A and 8 A,
apply only to C and D
characteristics.
MCBs
short circuit discrimination in kA
to main circuit breaker S 700
S 200-K
Selectivity values apply to
I
cu according to IEC 947-2.
to fuse gL/gG
(DIN VDE 0636; IEC 269/3)
** Limited or no selectivity at all possible in the overload range (thermal tripping)
S 200 Z
Selectivity values apply to
I
cu according to IEC 947-2.
The above values require that, in the case of multi-phase installations, that the last cb be feed from above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com