Electronic Components Datasheet Search
  English  ▼

X  

F200 Datasheet(PDF) 16 Page - ABB

Part # F200
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200 Datasheet(HTML) 16 Page - ABB

Back Button F200 Datasheet HTML 12Page - ABB F200 Datasheet HTML 13Page - ABB F200 Datasheet HTML 14Page - ABB F200 Datasheet HTML 15Page - ABB F200 Datasheet HTML 16Page - ABB F200 Datasheet HTML 17Page - ABB F200 Datasheet HTML 18Page - ABB F200 Datasheet HTML 19Page - ABB F200 Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
System
pro M compact ®
Miniature circuit-breakers
S 200/S 200 M series
Installation and operation instructions
Installation
Can be installed in any mounting position due to snap-on fixing to DIN rails EN 60 715, 35 mm width.
A If MCB S 200/S 200 M is installed without cross wiring, hinge the upper part into the DIN rail and push to let the lower part of the device snap
into place (1). The device is released in the reverse order, after the quick fastener has been removed with a screw driver (2).
B To release S 200 /S 200 M that are cross-wired with System pro M compact busbars, first remove the clamping screws Then, pull the lower
part of the S 200/S 200 M forwards (1) and lift it straight up (1a) , then, the quick fastener (1b) will recede.
C The busbar is deallocated and the S 200/S 200 M can be pulled out by lifting the device forwards (2).
D The cross-wiring is re-inserted in the reverse order. First, open the clamping screws and pull out the quick fastener until it locks into place
for the first time (3) . Then, take the S 200 /S 200 M and insert it with rear terminal side onto the pins of the System pro M compact busbar
(4) , turn it into the direction of the DIN rail (4a) and shift it vertically downwards (4b) ,this way, the quick fasterner snaps back into place
(4c).
Attention: Do not forget to re-tighten the clamping screws.
Operation
MCBs are switched on by switching the operating lever into the upper position (with resepct to the text block of the nameplate). If an MCB,
after it has triggered, cannot be switched on again off-handedly, the triggering is probably caused by overload.
If the MCB trips again immediately when trying to reclose (let a short period of time elapse), a complete short-circuit, or as the case may
be, earth connection can be assumed.
Do not try and continuously re-close an existing short circuit or earth fault. The MCB even trips under overload, or short-circuit or earth
fault conditions, even if the operating lever is maintained in the ON position by force (trip-free mechanism).
Cleaning the device
MCBs soiled by installation work should be cleaned with a dry, or, if necessary, a damp and soapy cloth. Never use caustic agents or
dissolvents.
Maintenance
STOTZ MCBs are maintenance-free.
Opening the device will lead to a loss of warranty.
Connection:
For connection cross sections, see page 7.
Feeder optional, top or bottom, terminal designation according to EN 50 005.
For wiring diagrams, see picture to the right.
C Removal when
pro M compact
cross wiring
remains in place
pro M compact
busbar
pro M compact
busbar
quick
fastener
D Insertion when
pro M compact
cross wiring
remains in place
A Assembly,
disassembly
without
pro M compact
cross wiring
B Detaching when
pro M compact
cross wiring
remains in place
snap on
release
pro M compact
busbar
pin
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com