Electronic Components Datasheet Search
  English  ▼

X  

F200 Datasheet(PDF) 30 Page - ABB

Part # F200
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200 Datasheet(HTML) 30 Page - ABB

Back Button F200 Datasheet HTML 26Page - ABB F200 Datasheet HTML 27Page - ABB F200 Datasheet HTML 28Page - ABB F200 Datasheet HTML 29Page - ABB F200 Datasheet HTML 30Page - ABB F200 Datasheet HTML 31Page - ABB F200 Datasheet HTML 32Page - ABB F200 Datasheet HTML 33Page - ABB F200 Datasheet HTML 34Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
41
System
pro M compact ®
B
Selection table
1
No. of
rated
order details
bbn
price
price
w'ght
pack.
poles
current
40 16779
1 piece
group
1 pc.
unit
In A
type code
order code
EAN
€
kg
pc.
6
S 201 M-B 6
2CDS 271 001 R0065
54942 4
0.125
10/40
10
S 201 M-B 10
2CDS 271 001 R0105
54943 1
13
S 201 M-B 13
2CDS 271 001 R0135
54944 8
16
S 201 M-B 16
2CDS 271 001 R0165
54945 5
20
S 201 M-B 20
2CDS 271 001 R0205
54946 2
25
S 201 M-B 25
2CDS 271 001 R0255
54947 9
32
S 201 M-B 32
2CDS 271 001 R0325
54948 6
40
S 201 M-B 40
2CDS 271 001 R0405
54949 3
50
S 201 M-B 50
2CDS 271 001 R0505
54381 1
63
S 201 M-B 63
2CDS 271 001 R0635
54382 8
6
S 202 M-B 6
2CDS 272 001 R0065
54958 5
0.250
5/20
10
S 202 M-B 10
2CDS 272 001 R0105
54959 2
13
S 202 M-B 13
2CDS 272 001 R0135
54960 8
16
S 202 M-B 16
2CDS 272 001 R0165
54961 5
20
S 202 M-B 20
2CDS 272 001 R0205
54962 2
25
S 202 M-B 25
2CDS 272 001 R0255
54963 9
32
S 202 M-B 32
2CDS 272 001 R0325
54964 6
40
S 202 M-B 40
2CDS 272 001 R0405
54965 3
50
S 202 M-B 50
2CDS 272 001 R0505
54385 9
63
S 202 M-B 63
2CDS 272 001 R0635
54386 6
6
S 203 M-B 6
2CDS 273 001 R0065
54966 0
0.375
3/12
10
S 203 M-B 10
2CDS 273 001 R0105
54967 7
13
S 203 M-B 13
2CDS 273 001 R0135
54968 4
16
S 203 M-B 16
2CDS 273 001 R0165
54969 1
20
S 203 M-B 20
2CDS 273 001 R0205
54970 7
25
S 203 M-B 25
2CDS 273 001 R0255
54971 4
32
S 203 M-B 32
2CDS 273 001 R0325
54972 1
40
S 203 M-B 40
2CDS 273 001 R0405
54973 8
50
S 203 M-B 50
2CDS 273 001 R0505
54387 3
63
S 203 M-B 63
2CDS 273 001 R0635
54388 0
6
S 204 M-B 6
2CDS 274 001 R0065
54982 0
0.500
2
10
S 204 M-B 10
2CDS 274 001 R0105
54983 7
13
S 204 M-B 13
2CDS 274 001 R0135
54984 4
16
S 204 M-B 16
2CDS 274 001 R0165
54985 1
20
S 204 M-B 20
2CDS 274 001 R0205
54986 8
25
S 204 M-B 25
2CDS 274 001 R0255
54987 5
32
S 204 M-B 32
2CDS 274 001 R0325
54988 2
40
S 204 M-B 40
2CDS 274 001 R0405
54989 9
50
S 204 M-B 50
2CDS 274 001 R0505
54391 0
63
S 204 M-B 63
2CDS 274 001 R0635
54392 7
2
3
Miniature circuit-breakers
S 200 series M
10000
3
4
S 200 M-B
UBmax
440 V
60 V ...
UBmax
440 V
125 V ...
UBmax
440 V
125 V ...
UBmax
440 V
suitable for flow-type heaters 12 kW
suitable for flow-type heaters 21, 24 and 27 kW
suitable for flow-type heaters 18 kW
UBmax 125 V ... with 2 poles connected in series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com