Electronic Components Datasheet Search
  English  ▼

X  

RT6200 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT6200
Description  0.6A, 36V, 1.2MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6200 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT6200 Datasheet HTML 4Page - Richtek Technology Corporation RT6200 Datasheet HTML 5Page - Richtek Technology Corporation RT6200 Datasheet HTML 6Page - Richtek Technology Corporation RT6200 Datasheet HTML 7Page - Richtek Technology Corporation RT6200 Datasheet HTML 8Page - Richtek Technology Corporation RT6200 Datasheet HTML 9Page - Richtek Technology Corporation RT6200 Datasheet HTML 10Page - Richtek Technology Corporation RT6200 Datasheet HTML 11Page - Richtek Technology Corporation RT6200 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT6200
11
DS6200-04
August 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of RT6200.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
PHASE node is with high frequency voltage swing and
should be kept at small area. Keep sensitive
components away from the PHASE node to prevent
stray capacitive noise pick-up.
Place the feedback components to the FB pin as close
as possible.
Connect GND to a ground plane for noise reduction and
thermal dissipation.
Figure 4. PCB Layout Guide
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJA is
the junction to ambient thermal resistance.
For recommended operating conditions specifications, the
maximum junction temperature of the die is 125
°C. The
junction to ambient thermal resistance
θJA is layout
dependent. For SOT-23-6 package, the thermal resistance
θJA is 208.2°C/W on standard JEDEC 51-7 four-layers
thermal test board. The maximum power dissipation at TA
= 25
°C can be calculated by following formula :
PD(MAX) = (125
°C − 25°C) / (208.2°C/W) = 0.48W for
SOT-23-6 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. The derating curves in Figure 3 allows
the designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 3. Derating Curves of Maximum Power
Dissipation
BOOT
GND
FB
EN
VIN
PHASE
4
2
3
5
6
1
VOUT
VOUT
CB
L1
COUT
D1
CIN
R2
R1
GND
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com