Electronic Components Datasheet Search
  English  ▼

X  

RT6200 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6200
Description  0.6A, 36V, 1.2MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6200 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6200 Datasheet HTML 1Page - Richtek Technology Corporation RT6200 Datasheet HTML 2Page - Richtek Technology Corporation RT6200 Datasheet HTML 3Page - Richtek Technology Corporation RT6200 Datasheet HTML 4Page - Richtek Technology Corporation RT6200 Datasheet HTML 5Page - Richtek Technology Corporation RT6200 Datasheet HTML 6Page - Richtek Technology Corporation RT6200 Datasheet HTML 7Page - Richtek Technology Corporation RT6200 Datasheet HTML 8Page - Richtek Technology Corporation RT6200 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT6200
2
DS6200-04
August 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap Supply for High-Side Gate Driver. A capacitor is connected between the
PHASE and BOOT pins to form a floating supply across the power switch driver.
This capacitor is needed to drive the power switch’s gate above the supply voltage.
2
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this
reason, care must be taken in its layout. This node should be placed outside of the
D1 to C1 ground path to prevent switching current spikes from inducing voltage
noise into the part.
3
FB
Feedback Voltage Input. An external resistor divider from the output to GND tapped
to the FB pin sets the output voltage. The value of the divider resistors also set loop
bandwidth.
4
EN
Enable Control Input (Active High). If the EN pin is open, it will be pulled to high by
internal circuit. If using pull high resistor connected to VIN, the recommended value
is larger than 250k
.
5
VIN
Supply Voltage Input. Bypass VIN to GND with a suitable large capacitor to prevent
large voltage spikes from appearing at the input.
6
PHASE
Switch Node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com