Electronic Components Datasheet Search
  English  ▼

X  

BIOSONIC Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # BIOSONIC
Description  Single-use ultrasonic flowmeter for liquids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

BIOSONIC Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  BIOSONIC Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 5Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TG-F2038-E02
BS
□□/SFC4000-EV Single-use ultrasonic flowmeter for liquids
TOKYO KEISO CO., LTD.
3
• Power supply/consumption
: 24 V DC
±10%
• Current consumption : 110 mA max. (when LCD backlight is on),
approx. 200 mA at power-on
• Ambient temperature : 0 to 50°C
• Ambient humidity
: 30 to 80% RH (no condensation)
• Installation method
: Panel
• Enclosure classification: IP20 (indoor use)
• Material
: ABS (black)
• Mass
: Approx. 200 g
• Standards
:EMC:EN61326-1, EN61326-2-3
RoHS (2011/65/EU)
Model code
SFC4000 – EV –
□
Description
Instantaneous flow
rate output
0
4–20 mA
1
0–10 V
2
0–5 V
3
1–5 V
DIMENSIONS
Detector
BS04SC, BS04, BS06
31.9
φ15
φ10.9
φ9.5
φ6.35
3
/8" hose barb
2
1
3
5
6
7
4
80
±1
142
160
The flow direction is indicated
at the base of the hose barb.
Materials of flow detector
No.
Parts
Material
1
Body
PUS
2
Sensor cap
PSU
3
BNC connector
Nickel plating
4
Connector mold
PVC
5
Cable
PVC coating
6
Connector cap
PP
7
MMCX connector
Gold platng



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com