Electronic Components Datasheet Search
  English  ▼

X  

BS06 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # BS06
Description  Single-use ultrasonic flowmeter for liquids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

BS06 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  BS06 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TG-F2038-E02
BS
□□/SFC4000-EV Single-use ultrasonic flowmeter for liquids
2
TOKYO KEISO CO., LTD.
STANDARD SPECIFICATIONS
Detector
• Measuring fluid
: Liquids (without bubbles, no permeating
or eroding PSU)
• Fluid temperature
: 2 to 60°C
• Ambient temperature
: 0 to 50°C
• Fluid pressure
: 0 to 0.5 MPa
• Fluid sound speed
: 400 to 2500 m/s
• Fluid kinematic velocity
: 0.3 to 40 mm2/s
• Process connection
: BS04SC
3/8” hose barb fitting
BS04
3/8” hose barb fitting
BS06
3/8” hose barb fitting
BS10
1/2” hose barb fitting
BS15
3/4” hose barb fitting
BS20
1” hose barb fitting
• Wetted part material
: PSU (FDA, USP Class VI, no animal
derived components, TSE/BS measures),
gamma-sterilizable
• Maximum permissible dose : 50 kGy
• Enclosure classification
: IP65 (indoor use)
• Mass
: Refer to Table 1.
Table 1. Sensor weight without cables
Model
Weight (g)
BS04SC, BS04, BS06
Approx. 50
BS10
Approx. 60
BS15
Approx. 85
BS20
Approx. 130
• Dedicated cable
: Coaxial cable
× 2
• Cable length
: 5 m (standard)
• Flow range
: Refer to Table 2.
Table 2. Flow range and connecting tube size
Model
Flow range (L/min)
Connecting tube size
BS04SC
0 to 0.8
3/8”Barb fitting
BS06
0 to 3.0
3/8”Barb fitting
BS06
0 to 8.0
3/8”Barb fitting
BS10
0 to 20
1/2”Barb fitting
BS15
0 to 50
3/4”Barb fitting
BS20
0 to 80
1”Barb fitting
• Accuracy
: Refer to Table 3.
Table 3. Accuracy and flow range
Model
Flow velocity
< 1m/s
Flow velocity
≥ 1m/s
Flow rate
(L/min)
Accuracy
(L/min)
Flow rate
(L/min)
Accuracy
(of reading)
BS04SC
0 to 0.1
±0.001
0.1 to 0.8
±1%
BS04
0 to 0.8
±0.008
0.8 to 3
±1%
BS06
0 to 1.7
±0.017
1.7 to 8
±1%
BS10
0 to 4.7
±0.047
4.7 to 20
±1%
BS15
0 to 10.6
±0.106
10.6 to 50
±1%
BS20
0 to 18.8
±0.188
18.8 to 80
±1%
* Note: Accuracy statement is based on water calibration
• Pressure loss
Pressure loss for water (kPa) = C
× Q2
where C: Factor (Refer to Table 4.)
Q: Flow rate (L/min)
Table 4. Pressure loss factor
Model
C
BS04SC
3.04
BS04
3.04
BS06
0.537
BS10
0.0625
BS15
0.0120
BS20
0.00377
Model code
BS
□□ □□ □ □
□
□
Description
Meter
size
04
SC
4 mm, high accuracy calibration
04
4 mm, standard accuracy
06
6 mm, standard accuracy
10
10 mm, standard accuracy
15
15 mm, standard accuracy
20
20 mm, standard accuracy
Process
connection
B
Barb fitting
BS04SC, BS04, BS06
3/8” Barb fitting
BS10 1/2” Barb fitting
BS15 3/4” Barb fitting
BS20 1” Barb fitting
Cable length
5
5 m (Standard)
Cable leadout direction
A
Standard
Please consult for other directions.
Special specifications
Blank Not provided
/Z
Provided
Converter
• Output
1) Instantaneous flow rate
Current output type
: 4-20 mA (load resistance: less than
500
Ω)
Voltage output type
: 0-10 V
(special specifications: 0-5 V/1-5 V)
(load resistance: 1 M
Ω or more)
2) Pulse output
Open collector output
: Load rating: Within 30 V DC, 20 mA
• Frequency pulse output : Pulse rate up to 1000 Hz at full scale,
duty ratio 1 : 1
• Totalizing pulse output : Output flow rate unit pulse
Can be set per pulse by combining either of the following
multipliers and units
:
Multiplier
:
×0.1, ×1, ×10, ×100
Unit
: mL, L, m3
• Fault output
: Output when converter or detector is
in error
NO or NC is selectable, 0 to 1000 Hz
3) Alarm output
Open collector (2 points) :
Load rating
: Within 30 V DC, 20 mA
Instantaneous flow rate alarm (max. /min.) and integrated flow
rate (A/B) can be used in combination, NO or NC is selectable.
• Display
: 16-characters, 2-lines LCD with backlight
• Terminal table
: Plug-type screw fastening terminal
× 3
(detachable plug-in type)
• Setting
: Panel switch
× 4
• Communication
: RS485 communication (Modbus protocol)
• Parameter setting
: Panel switch or communication
• Display content
: Instantaneous flow rate, integrated flow
rate, status
Alarm: Orange LED
• Time constant
: 0.5 to 25 seconds
• Low cut-off
: 0 to 25% F.S.
• Linearization
: Automatic adjustment by kinematic velocity
setting. A manual linearizer can be added
(up to 20 points, polyline approximation
method).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com