Electronic Components Datasheet Search
  English  ▼

X  

BS06 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # BS06
Description  Single-use ultrasonic flowmeter for liquids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

BS06 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  BS06 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. BS06 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TG-F2038-E02
BS
□□/SFC4000-EV Single-use ultrasonic flowmeter for liquids
TOKYO KEISO CO., LTD.
5
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.
Upper left: CONNECTOR 2
Terminal
No.
Terminal name
Description
1
PULSE OUT (
+)
Pulse output
2
PULSE OUT (
–)
3
ALARM1 OUT (AL1)
Alarm output
4
ALARM1 OUT (COM)
5
ALARM2 OUT (AL2)
Upper right: DETECTOR BNC CONN.
Terminal
Color
Polarity
Description
IN
Red
Inflow (upstream)
Sensor signal input
OUT
Black
Outflow
(downstream)
Lower left: CONNECTOR 1
Terminal
No.
Terminal name
Description
1
SOURCE DC24V (
+24V)
Power supply
24 V DC
±10%
2
SOURCE DC24V (0V)
3
SOURCE DC24V (FG)
Grounding
4
FLOW OUT (
+)
Flow rate output
5
FLOW OUT (
–)
6
RESET IN (
+)
Totalization reset input
7
RESET IN (
–)
Lower right: CONNECTOR 3
Terminal
No.
Terminal name
Description
1
RS-485 (
+)
RS-485 communication
2
RS-485 (
–)
3
RS-485 (SG)
ULTRASONIC FLOWMETER
SFC4000
ALARM
HI/LO
ERROR
ENTER
MENU
SHIFT
ZERO
96
Panel thickness : 0.8 to 5 mm
90
6
(112)
Min.120
92 +0.8
-0
Panel cutout
CONNECTOR 1
DETECTOR BNC CONN.
CONNECTOR 3
IN
OUT
CONNECTOR 2
1
2
3
4
5
1
2
3
4
5
6
7
1
2
3
PULSE OUT ALARM OUT
SOURCE
24 V DC
FLOW OUT RESET IN
RS-485
+
–
AL1 COM AL2
+24V 0V
FG
+
–
+
–
+
–
SG
TERMINAL ARRANGEMENT
DIMENSIONS
Converter
SFC4000-EV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com