Electronic Components Datasheet Search
  English  ▼

X  

DA7413 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # DA7413
Description  SmartBeat DA7413 mono codec with wideband digital hybrid ANC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7413 Datasheet(HTML) 5 Page - Renesas Technology Corp

  DA7413 Datasheet HTML 1Page - Renesas Technology Corp DA7413 Datasheet HTML 2Page - Renesas Technology Corp DA7413 Datasheet HTML 3Page - Renesas Technology Corp DA7413 Datasheet HTML 4Page - Renesas Technology Corp DA7413 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DA7413 Product Brief
Rev.1.00
May 16, 2024
Page 5
Key features
■ Active Noise Cancellation
□ Support Hybrid, Feedforward, and Feedback
topologies
□ 40 dB cancellation at 200 Hz
□ 5.2 µs microphone input to headphone output
latency through FEQ
□ 25 µs microphone input to headphone output
latency through DSP
□ Automated calibration and tuning tools
■ Power management
□ 4.3mW mono music playback quiescent
power consumption
□ 11mW mono hybrid ANC playback power
consumption at 0.1 mW
■ Digital Audio Interfaces
□ Up to 32-bit 384 kHz sample rate support
□ Three stereo PDM inputs for digital
microphones and/or low latency connection
from host processors
■ Stereo differential headphone path
□ 115 dB dynamic range
□ Output power 2 x 30 mW into 32 Ω
■ Input paths
□ Four single-ended or two differential
microphone/line-inputs
□ 110 dB dynamic range
□ Integrated dual low-noise microphone bias
■ Pop-free startup and shutdown
■ Digital Signal Processor
□ Dual 98 MHz DSPs
□ 192 kHz, low delay Active Noise canceller
(ANC) DSP
□ Dedicated 6 MHz Fast equalization FEQ path
□ 48 kHz/192 kHz, music and voice DSPs
□ Fully-flexible digital mixing with independent
gains
■ Bypassable asynchronous sample rate converters
■ Clocking
□ Fract-N Phase-locked loop
□ Sample rate tracking
□ Internal oscillator
□ MCLK free operation
■ 2-wire I2C-compatible control interface
■ Temperature range -40 to +85 °C
■ 32 ball 3.42 mm x 1.77 mm 0.4 mm pitch WL-
CSP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com