Electronic Components Datasheet Search
  English  ▼

X  

DA7413 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA7413
Description  SmartBeat DA7413 mono codec with wideband digital hybrid ANC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7413 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA7413 Datasheet HTML 1Page - Renesas Technology Corp DA7413 Datasheet HTML 2Page - Renesas Technology Corp DA7413 Datasheet HTML 3Page - Renesas Technology Corp DA7413 Datasheet HTML 4Page - Renesas Technology Corp DA7413 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DA7413 Product brief
Rev.1.00
May 16, 2024
Page 1
© 2024 Renesas Electronics
SmartBeat DA7413 mono codec with wideband digital hybrid ANC
Outstanding audio and battery lifetime for wired and wireless headphones
Renesas DA741x family is a high performance, ultra-low power HiFi codec with hybrid active noise cancellation
(ANC) for hearables, and USB-C
™ and Bluetooth® headphone, headset or and hearable applications.
With high-performance playback and record paths, the DA741x family is designed for high dynamic range and
minimum latency. Two integrated, individually operatable, digital signal processors are provided. The first,
running at 192 kHz, is dedicated to noise cancellation applications whilst the second, running at 48 kHz or 192
kHz, can perform music and voice processing such as equalization, limiting, mixing, beamforming, and gain
control. A dedicated fast equalization (FEQ) path, operating at the digital microphone (DMIC) clock rate, delivers
improved high frequency noise cancellation with ultra-low latency. Supporting 4 ADC which enables customer to
use up to 4 analog microphones (AMIC) or 6 digtal-microphones (DMIC).
DA741x is a family of high-performance, ultra-low-power, hi-fi codecs for USB-C
™ and Bluetooth® headphone
(HP), headset, or hearable applications. The family consists of two devices. DA7414 supports stereo output and
DA7413 supports mono output. And both devices share the same driver and compatible with each other.
Applications
■ Wireless (Bluetooth) in-ear mono earbud
■ Wired (USB-C) in-ear earbud
■ Wired/Wireless microphone
Benefits
■ Superior audio performance with 115dB dynamic range
DAC
■ World-class magnitude and range of ambient noise
suppression with up to 40dB noise suppression.
■ Four channel ADC supports up to 4 Analog mic and up to 6 Digital mic.
■ Class-leading low power consumption
■ Highly compact footprint
■ Development kit and extensive tooling speed product development
■ Family of pin-compatible variants simplifies creation of a complete portfolio.


Similar Part No. - DA7413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7414 RENESAS-DA7414 Datasheet
377Kb / 5P
SmartBeat DA7414 stereo codec with wideband digital hybrid ANC
Rev.1.00 May 16, 2024
More results

Similar Description - DA7413

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
HDTV Serial Digital Formatter with ANC FIFOs
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8811 NUVOTON-NAU8811 Datasheet
2Mb / 87P
Mono Audio Codec with SPI
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com