Electronic Components Datasheet Search
  English  ▼

X  

SWPA252012S100KT Datasheet(PDF) 4 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA252012S100KT
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA252012S100KT Datasheet(HTML) 4 Page - Shenzhen Sunlord Electronics Co., Ltd

  SWPA252012S100KT Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA3010S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
直流电阻
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA3010S1R0NT
1.0±30%
0.065
180
1.40
1.45
SWPA3010S1R2NT
1.2±30%
0.065
137
1.25
1.45
SWPA3010S1R5NT
1.5±30%
0.080
120
1.27
1.30
SWPA3010S2R2NT
2.2±30%
0.110
100
1.15
1.09
SWPA3010S2R7NT
2.7±30%
0.130
90
1.00
1.02
SWPA3010S3R3NT
3.3±30%
0.145
74
0.97
0.96
SWPA3010S3R6MT
3.6±20%
0.165
67
0.95
0.90
SWPA3010S4R7MT
4.7±20%
0.225
59
0.75
0.77
SWPA3010S6R8MT
6.8±20%
0.305
42
0.55
0.66
SWPA3010S100MT
10±20%
0.400
39
0.55
0.58
SWPA3010S120MT
12±20%
0.505
36
0.43
0.52
SWPA3010S150MT
15±20%
0.610
30
0.42
0.47
SWPA3010S220MT
22±20%
0.930
28
0.35
0.38
SWPA3010S270MT
27±20%
1.080
25
0.30
0.35
SWPA3010S330MT
33±20%
1.550
18
0.29
0.30
SWPA3010S390MT
39±20%
1.750
18
0.28
0.28
SWPA3010S430MT
43±20%
1.800
18
0.23
0.27
SWPA3010S470MT
47±20%
1.950
18
0.22
0.26
SWPA3010S510MT
51±20%
2.200
18
0.21
0.25
SWPA3010S560MT
56±20%
2.320
16
0.21
0.24
SWPA3012S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA3012SR82NT
0.82±30%
0.030
180
2.05
2.47
SWPA3012S1R0NT
1.0±30%
0.040
120
1.87
2.20
SWPA3012S1R2NT
1.2±30%
0.045
120
2.22
2.01
SWPA3012S1R5NT
1.5±30%
0.045
110
1.62
2.01
SWPA3012S1R8NT
1.8±30%
0.063
90
1.30
1.65
SWPA3012S2R2NT
2.2±30%
0.075
84
1.20
1.55
SWPA3012S2R4NT
2.4±30%
0.068
100
1.15
1.60
SWPA3012S2R7NT
2.7±30%
0.085
65
1.14
1.48
SWPA3012S3R3MT
3.3±20%
0.100
64
1.05
1.36
SWPA3012S3R9MT
3.9±20%
0.145
61
1.00
1.24
SWPA3012S4R7MT
4.7±20%
0.120
61
0.90
1.24
SWPA3012S6R8MT
6.8±20%
0.190
61
0.75
0.98
SWPA3012S100MT
10±20%
0.265
42
0.60
0.83
SWPA3012S120MT
12±20%
0.345
32
0.48
0.73
SWPA3012S150MT
15±20%
0.360
27
0.45
0.71
SWPA3012S180MT
18±20%
0.545
25
0.43
0.58
SWPA3012S220MT
22±20%
0.645
23
0.42
0.53
SWPA3012S270MT
27±20%
0.870
21
0.35
0.47
SWPA3012S330MT
33±20%
0.875
18
0.36
0.46
SWPA3012S360MT
36±20%
0.950
18
0.34
0.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com