Electronic Components Datasheet Search
  English  ▼

X  

SWPA252012S100KT Datasheet(PDF) 11 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # SWPA252012S100KT
Description  Wire Wound SMD Power Inductors - SWPA Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

SWPA252012S100KT Datasheet(HTML) 11 Page - Shenzhen Sunlord Electronics Co., Ltd

Back Button SWPA252012S100KT Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 8Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 9Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 10Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 11Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 12Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 13Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 14Page - Shenzhen Sunlord Electronics Co., Ltd SWPA252012S100KT Datasheet HTML 15Page - Shenzhen Sunlord Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Specifications subject to change without notice. Please check our website for latest information.
Revised 2014/04/15
Sunlord Industrial Park, Dafuyuan Industrial Zone, Guanlan, Shenzhen, China 518110 Tel: 0086-755-29832660 Fax: 0086-755-82269029 E-Mail: sunlord@sunlordinc.com
Sunlord
SPECIFICATIONS
SWPA5040S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA5040S6R8MT
6.8±20%
0.043
21
2.90
2.50
SWPA5040S8R2MT
8.2±20%
0.048
20
2.70
2.30
SWPA5040S100MT
10±20%
0.064
18
2.35
2.10
SWPA5040S150MT
15±20%
0.086
13
2.00
2.00
SWPA5040S220MT
22±20%
0.129
11
1.60
1.50
SWPA5040S330MT
33±20%
0.188
9
1.30
1.20
SWPA5040S470MT
47±20%
0.272
7
1.10
1.00
SWPA5040S680MT
68±20%
0.400
6
0.90
0.80
SWPA5040S101MT
100±20%
0.560
5
0.75
0.70
SWPA5040S151MT
150±20%
0.750
3.7
0.65
0.60
SWPA6020S Series
Part Number
Inductance
@100kHz,1V
DC Resistance
(±30%)
Min.
Self-resonant
Frequency
Saturation
Current
Heat Rating
Current
Units
μH
Ω
MHz
A
A
Symbol
L
DCR
S.R.F
Isat
Irms
SWPA6020SR50NT
0.50±30%
0.014
120
4.50
4.00
SWPA6020SR68NT
0.68±30%
0.017
115
6.55
3.80
SWPA6020SR82NT
0.82±30%
0.017
110
5.30
3.80
SWPA6020S1R0NT
1.0±30%
0.020
100
4.15
3.50
SWPA6020S1R2NT
1.2±30%
0.022
88
5.90
3.20
SWPA6020S1R5NT
1.5±30%
0.022
79
4.25
3.20
SWPA6020S1R8NT
1.8±30%
0.028
68
4.85
2.75
SWPA6020S2R0NT
2.0±30%
0.035
65
4.10
2.60
SWPA6020S2R2NT
2.2±30%
0.028
61
3.75
2.75
SWPA6020S2R7NT
2.7±30%
0.035
56
3.90
2.60
SWPA6020S3R3NT
3.3±30%
0.035
51
3.15
2.60
SWPA6020S3R9NT
3.9±30%
0.049
45
3.25
2.10
SWPA6020S4R3NT
4.3±30%
0.049
44
2.70
2.10
SWPA6020S4R7NT
4.7±30%
0.058
41
3.00
2.00
SWPA6020S5R6NT
5.6±30%
0.058
36
2.40
1.90
SWPA6020S6R2NT
6.2±30%
0.079
31
2.30
1.80
SWPA6020S6R8NT
6.8±30%
0.079
31
2.20
1.80
SWPA6020S8R2NT
8.2±30%
0.105
27
2.10
1.40
SWPA6020S100MT
10±20%
0.105
27
1.75
1.40
SWPA6020S120MT
12±20%
0.120
25
1.45
1.30
SWPA6020S150MT
15±20%
0.145
21
1.20
1.20
SWPA6020S180MT
18±20%
0.180
18
1.20
1.08
SWPA6020S220MT
22±20%
0.204
16
1.05
1.00
SWPA6020S330MT
33±20%
0.300
11
0.95
0.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com