Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85NPPR Datasheet(PDF) 32 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 28Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 29Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 30Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 31Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 32Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 33Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 34Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 35Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 133 page
background image
6.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSNR
Power Supply Noise Rejection, VDD = 3.3
V(5)
10 MHz noise ripple
–99
dBc
PSNR
Power Supply Noise Rejection, VDD = 1.8
V(5)
10 kHz noise ripple
–85
dBc
PSNR
Power Supply Noise Rejection, VDD = 1.8
V(5)
50 kHz noise ripple
–89
dBc
PSNR
Power Supply Noise Rejection, VDD = 1.8
V(5)
100 kHz noise ripple
–91
dBc
PSNR
Power Supply Noise Rejection, VDD = 1.8
V(5)
500 kHz noise ripple
–93
dBc
PSNR
Power Supply Noise Rejection, VDD = 1.8
V(5)
1 MHz noise ripple
–94
dBc
PSNR
Power Supply Noise Rejection, VDD = 1.8
V(5)
5 MHz noise ripple
–109
dBc
PSNR
Power Supply Noise Rejection, VDD = 1.8
V(5)
10 MHz noise ripple
–97
dBc
PSNR CHARACTERISTICS (LMKDB1112)
I/O CHARACTERISTICS
VIH
Input voltage high
2-level logic input, VDD = 3.3 V ± 10%
2
VDD +
0.3
V
VIL
Input voltage low
–0.3
0.8
V
VIH
Input voltage high
3-level logic input, VDD = 3.3 V ± 10%
2.4
VDD +
0.3
V
VIM
Input voltage mid
1.2
1.8
V
VIL
Input voltage low
–0.3
0.8
V
VIH
Input voltage high
2-level logic input, VDD = 1.8 V ± 5%
1.3
VDD +
0.3
V
VIL
Input voltage low
–0.3
0.4
V
VIH
Input voltage high
3-level logic input, VDD = 1.8 V ± 5%
1.3
VDD +
0.3
V
VIM
Input voltage mid
0.65
0.95
V
VIL
Input voltage low
–0.3
0.4
V
VOH
Output high voltage
SBI_OUT, IOH = -2 mA
2.4
VDD +
0.3
V
VOL
Output low voltage
SBI_OUT, IOL = 2 mA
0.4
V
Ileakage
Output leakage current (LMKDB1120FS,
LMKDB1108FS, LMKDB1104FS)
Output leakage current when outputs are
connected to VDD ± 10% while device is
unpowered.
10
µA
IIN
Input leakage current
CLKINx_P
–40
40
µA
CLKINx_N
–40
40
µA
single-ended inputs with internal pulldown
–30
30
µA
single-ended inputs without internal
pulldown
–5
5
µA
3-level logic input
–30
30
µA
RPU,PD
Internal pullup/pulldown resistor for
single-ended inputs
180
kΩ
SMBUS ELECTRICAL CHARACTERISTICS
VIH
SMB_CLK, SMB_DATA input high voltage
0.8 ×
VDD
V
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com