Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85NPPR Datasheet(PDF) 80 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 80 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 76Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 77Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 78Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 79Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 80Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 81Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 82Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 83Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 133 page
background image
9.4 LMKDB1108 and LMKDB1108FS Registers
Table 9-79 lists the memory-mapped registers for the LMKDB1108 and LMKDB1108FS registers. All register
offset addresses not listed in Table 9-79 must be considered as reserved locations and the register contents
must not be modified.
Table 9-79. LMKDB1108 and LMKDB1108FS Registers
Offset
Acronym
Register Name
Section
0h
R0
Output Enable Control for CLK2 through CLK7
Section 9.4.1
1h
R1
Output Enable Control for CLK0 and CLK1
Section 9.4.2
2h
R2
OE Pin Readback for CLK2 through CLK7
Section 9.4.3
3h
R3
OE Pin Readback for CLK0 and CLK1
Section 9.4.4
4h
R4
AOD Enable Control and SBI_EN Readback
Section 9.4.5
5h
R5
Device Info
Section 9.4.6
6h
R6
Device Info (cont.)
Section 9.4.7
7h
R7
SMBus Byte Counter
Section 9.4.8
8h
R8
SBI Mask for CLK2 through CLK7
Section 9.4.9
9h
R9
SBI Mask for CLK0 and CLK1
Section 9.4.10
Bh
R11
SBI Mask Readback for CLK0 through CLK5
Section 9.4.11
Ch
R12
SBI Mask Readback for CLK6 and CLK7
Section 9.4.12
11h
R17
Output Amplitude
Section 9.4.13
12h
R18
Input Configuration, Save Config in PD, SMB SDATA
Monitoring, and LOS Readback
Section 9.4.14
14h
R20
Output Slew Rate Select MSB for CLK2 through CLK7
Section 9.4.15
15h
R21
Output Slew Rate Select MSB for CLK0 and CLK1
Section 9.4.16
26h
R38
Non-clearable SMBUS Write Lock
Section 9.4.17
27h
R39
LOS Event Status and Clearable SMBus Write Lock
Section 9.4.18
35h
R53
Slew Rate Mode Control Selection
Section 9.4.19
5Bh
R91
Slew Rate Speed Options 1 and 2 Assignments
Section 9.4.20
5Ch
R92
Slew Rate Speed Options 3 and 4 Assignments
Section 9.4.21
62h
R98
Output Slew Rate Select LSB for CLK0 through CLK7
Section 9.4.22
Complex bit access types are encoded to fit into small table cells. Table 9-80 shows the codes that are used for
access types in this section.
Table 9-80. LMKDB1108 and LMKDB1108FS Access
Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
C
Read
to Clear
Write Type
W
W
Write
W1C
W
1C
Write
1 to clear
WSC
W
Write
Reset or Default Value
-n
Value after reset or the default
value
LMKDB1102, LMKDB1104, LMKDB1104FS, LMKDB1108, LMKDB1108FS
LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855G – NOVEMBER 2023 – REVISED MAY 2026
www.ti.com
80
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com