Electronic Components Datasheet Search
  English  ▼

X  

FS-100 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # FS-100
Description  FS-100
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FS-100 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  FS-100 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FS-100 DISPLACER, LEVEL SWITCH
TOKYO KEISO CO., LTD.
3
TG-L2291-E00
● In case of the frameproof type (FS-10□EX) and intrinsically safe type (FS-10□S) to be used in Japan, the cable
wiring is to be conducted in accordance with the enforcement regulations of "Cable Wiring" system in FLAME-
PROOF TYPE CABLE WIRING as specified in "Industrial Safety and Health Law". For details, refer to "USER'S
GUIDELINES for Electrical Installation for Explosive Gas Atmospheres in General Industry" edited by MINISTRY OF
HEALTH, LABOUR AND WELFARE RESERCH INSTITUTE OF INDUSTRIAL SAFETY JAPAN.
● FS-10□EX type pressure tight flameproof version is certified for Ex d II C T 6 classification under the condition of
using our designated pressure tight cable glands which are delivered together with level switches. They are to be
properly installed.
ALARM POINT
The following figure shows alarm points that can be set under con-
ditions of room temperature, atmospheric pressure, and a liquid
equivalent to water. The alarm points depend on the design.
● For 1 point alarm
● For 2 points alarm
(H or L)
(H-H, H-L or L-L)
● For 3 points alarm
● For 4 points alarm
(H-H-L or H-L-L)
(H-H-L-L)
INTRINSICALLY SAFE RELAY (EB3C)
Intrinsically safe relay is to be inserted into the contact loop of FS-
10
□S type level switch. 1 to 3 points use relays are available. Se-
lect suitable IS relay considering the total number of contacts.
Standard specification
Explosion protection
Rated operating voltage
Rated operating current
Installation location
Contact configuration
Relay output
(Resistance load)
Contact allowable power
(Resistance load)
Insulation resistance
Withstand voltage
Intrinsically safe Ex ia IIC
12 V DC
±10%
10 mA DC
±20%
Non-hazardous area
1a contact
250 V AC, 3A
24 V DC, 3A
750 VA AC
72 W DC
500 DC V at 10MΩ
1500 V AC (1 min.)
Model code
Description
EB3C-
Output type
No. of contact
Power supply
R
R
01
02
03
A
D
□□
□ Model
Relay output
1 point use
2 points use
3 points use
100 V to 240 V AC, 50/60 Hz
24 V DC
CAUTIONS FOR PIPING
65
42
77.5
10
MIN.ø3
MAX.3
MIN.5.4
Terminal screw size : M3
terminal
EB3C-R01
□
EB3C-R02
□, R03□
EB3C Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com