Electronic Components Datasheet Search
  English  ▼

X  

FS-100 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # FS-100
Description  FS-100
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FS-100 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  FS-100 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. FS-100 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FS-100
DISPLACER, LEVEL SWITCH
TOKYO KEISO CO., LTD.
5
TG-L2291-E00
Alarm
Contact Material
Connection
Chamber
CODE
3
4
5
6
Z
TOP FLANGE SIZE
80mm(3")
100mm(4")
125mm(5")
150mm(6")
OTHERS
CODE
0
1
2
3
4
5
6
Z
TOP FLANGE SIZE RATING
JIS10KFF
JIS10KRF
JPI#150
ANSI#150
JIS20KRF
JPI#300
ANSI#300
OTHERS
CODE
0
4
6
Z
UPPER GASKET MATERIAL
CUSTOMER'S SCOPE
(CHAMBER NOT PROVIDED)
VORTEX GASKET (SUS304)
VORTEX GASKET (SUS316)
OTHERS
14 UPPER GASKET MATERIAL
CODE
0
S
4
6
L
Z
CHAMBER MATERIAL
CHAMBER NOT PROVIDED
Carbon steel
SUS304
SUS316
SUS316L
OTHERS
CODE
0
1
2
3
4
Z
CHAMBER CONTRUTION
NOT PROVIDED
INTERNAL, WELDING TYPE(FIG.A)
INTERNAL, INSERSION TYPE(FIG.B)
EXTERNAL, SIDE~SIDE (FIG.C)
EXTERNAL, SIDE~BOTTOM (FIG.D)
OTHERS
CODE
0
1
2
3
Z
EXTERNAL CHAMBER CONNECTION
CHAMBER NOT PROVIDED
1"SW
Rc1
1"FLANGE
OTHERS
9 TOP FLANGE SIZE
10 TOP FLANGE SIZE RATING
13 EXTERNAL CHAMBER CONNECTION
12 CAMBER MATERIAL
11 CHAMBER CONSTRUTION
3
4
5
6
7
8
9
10
11
12
13
14
Bolts, nuts and gaskets for process connection are
to be supplied by the customer.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com