Electronic Components Datasheet Search
  English  ▼

X  

MPR084 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPR084 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
MPR084
Rev 5, 11/2008
Freescale Semiconductor
Technical Data
Preliminary
© Freescale Semiconductor, Inc., 2007, 2008. All rights reserved.
This document contains a product under development. Freescale Semiconductor reserves the right to change or
discontinue this product without notice.
Product Preview
Proximity Capacitive Touch
Sensor Controller
MPR084 OVERVIEW
The MPR084 is an Inter-Integrated Circuit Communication (I2C) driven
Capacitive Touch Sensor Controller, optimized to manage an 8-touch pad
capacitive array. The device can accommodate a wide range of
implementations through 3 output mechanisms, and many configurable
options.
Features
1.8 V to 3.6 V operation
41 µA average supply current with 1 s response time
2 µA low Standby Current
Variable low power mode response time (32 ms – 4 s)
Rejects unwanted multi-key detections from EMI events such as PA
bursts or user handling
Ongoing pad analysis and detection is not reset by EMI events
Data is buffered in a FIFO for shortest access time
•IRQ output advises when FIFO has data
System can set interrupt behavior as immediate after event, or
program a minimum time between successive interrupts
Current touched pad position is always available on demand for
polling-based systems
Sounder output can be enabled to generate key-click sound when pad
is touched
Two hardware selectable I2C addresses allowing two devices on a
single I2C bus
Configurable real-time auto calibration
5 mm x 5 mm x 1 mm 16 lead QFN package
-40°C to +85°C operating temperature range
Implementations
Control Panels
Switch Replacements
Touch Pads
Typical Applications
Appliances
PC Peripherals
Access Controls
MP3 Players
Remote Controls
Mobile Phones
ORDERING INFORMATION
Device Name
Temperature Range
Case Number
Touch Pads
MPR084Q
-40
°C to +85°C
1679
(16-Lead QFN)
8-pads
MPR084EJ
948F
(16-Lead TSSOP)
MPR084
Capacitive Touch
Sensor Controller
16-LEAD TSSOP
CASE 948F
Top View
Figure 1. Pin Connections
Bottom View
E5
E6
E7
E8
VDD
VSS
ATTN
IRQ
MPR084
3
4
1
2
10
9
12
11
78
56
14 13
16 15
16-LEAD QFN
CASE 1679
E1
E2
E3
E4
E5
E6
E7
E8
VDD
VSS
SCL
SDA
AD0
SOUNDER
ATTN
IRQ
MPR084
1
4
3
2
5
8
7
6
16
13
14
15
12
9
10
11


Similar Part No. - MPR084

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR084 FREESCALE-MPR084 Datasheet
460Kb / 35P
Proximity Capacitive Touch Sensor Controller
Rev 5, 06/2010
More results

Similar Description - MPR084

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com