Electronic Components Datasheet Search
  English  ▼

X  

MPR084 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPR084
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPR084 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR084 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
MPR084
Sensors
10
Freescale Semiconductor
Preliminary
3
Touch Detection
3.1
Introduction
When using a capacitive touch sensor system the raw data must be filtered and interpreted. This process can be done many
different ways but the method used in the MPR084 is explained in this chapter.
3.2
Understanding the Basics
The touch pad interface has to distinguish touch status through varying user conditions (different finger sizes in bare hands or
gloves) and environmental conditions (electrical and RF noise, sensor contamination with dirt or moisture).
The touch pad circuitry reports touch status as one of the following two conditions:
1.
Touch Pad untouched
2.
Touch Pad touched on one of eight pads.
The touch pad is only touched in one position, ideally near the middle of one of the eight pads. If a touch occurs between pads,
untouched will be reported.
3.3
Conditional Output Scenarios
Since it is unlikely that in a real world case a single independent touch will occur two specific multi-touch response cases are
outlined. Methods for changing the sensitivity of the device will be discussed in another Chapter, but the important part is that the
sensitivity is determined by the strength of an input signal. If more than one input signal is above the selected sensitivity then the
touch sensor controller interprets this in a specific way. This functionality is broken down into two different cases.
3.3.1
Simultaneous Touches
Any time multiple touches are detected at the same time the touch sensor controller recognizes this case and accounts for it. The
number of allowed reported touches is settable using the Maximum Number of Touched Positions Register (Section 3.6). In the
case where this register is set to 1, all touches past the first will be ignored and unreported.
A special case is when exact 2 keys are involved in the interaction. In most cases one of the two electrodes will receive a stronger
signal than the other. If the difference in capacitance is statistically significant between the pad with the stronger signal will be
reported
This functionality is sometimes called 1-Keyed Lockout. by changing the Maximum Number of Touched Positions Register
(Section 3.6). this value can be set. Thus the n-key lockout is determined by this register.
3.3.2
Sequential Touches
Another case is when one touch pad is touched and held and a second touch pad is then touched and held. For this situation the
second touch will be ignored and the first touch will continue to be reported.
If the second touch is released before the first touch then the second touch will be completely ignored. But, if the first touch is
released before the second then the system will report that the first key is released and that the second key is now touched. This
functionality is sometimes called 2-Key Rollover.
3.4
Touch Pad Configuration Register
The Touch Pad Configuration Register configures a variety of the MPR084 features. Each of these features is described in
following sections. The I2C slave address of the Touch Pad Configuration Register is 0x03.
Figure 14. Touch Pad Configuration Register
7
6
543210
R
TPE
0
BKA
ACE
TPRBE
TPTBE
0
TPE
W
Reset:
1
0
000001
= Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com