Electronic Components Datasheet Search
  English  ▼

X  

MPR084Q Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPR084Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084Q Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPR084Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
MPR084
Sensors
Freescale Semiconductor
17
Preliminary
5
Low Power Configuration
5.1
Introduction
The MPR084 features a Low Power mode that can reduce the power consumption into the microamps range. This feature can
be used to both adjust the response time of the system, and change the conditions on which Low Power would be enabled.
5.2
Operation
This Low Power configuration is only active when the sensor controller is in Run2 mode. The Low Power mode decreases current
consumption by increasing the response time of the MPR084. This increase is controlled through two factors.
During normal Run2 operation of the sensor controller the Max Response Time (MRT) is calculated by taking the product of the
TASP and the primary clock. From Chapter 4 the primary clock is the (MTP + 5) ms. Since the sensor controller is in Run2, the
primary clock is also multiplied by a factor of 8. The debounce rate of the MPR084 is 4 times the sample rate thus the MRT is
represented by the following equation.
Equation 1
First, the Idle Interface Timeout (IIT) represents the total time the touch interface should remain idle before going into Low Power
mode. This value can be calculated by taking the product of the ITP, TASP and primary clock (8ms) with a factor of 64. Thus the
IIT is represented as follows:
Equation 2
Second, the Max Response Time (MRT) represents the total time the touch interface should remain inactive before scanning the
electrodes. This value can be calculated by taking the product of the SCD, TASP and primary clock (8ms) with a factor of 5. Thus
the MRT is represented as follows:
Equation 3
When in Run2 mode, the sensor controller will initially scan the electrodes at the rate of MRT1. When scanning at MRT1 and the
touch interface remains idle for the IIT period then the scan period will change to MRT2. When scanning at MRT2 and a touch is
detected the scan rate will transition back to MRT1.
Figure 20. Low Power Scan Period Transition Diagram
5.3
Configuration
Low Power Configuration is achieved through setting two values; the Idle Timeout Period and the Sleep Cycle Duration. This
functionality is described in the following section.
MRT1
MTP
5
+
8
----------------------
1
+
⎝⎠
⎛⎞
TASP
48ms
×
×
×
=
MRT2
MTP
5
+
8
----------------------
1
+
⎝⎠
⎛⎞
TASP
SCD
48
× ms
×
×
×
=
ITT
MTP
5
+
8
----------------------
1
+
⎝⎠
⎛⎞
TASP
ITP
×
×
68ms
×
×
=
LP DISABLED
ITT PERIOD
run2 SET
TOUCH DETECTED
MRT1
MRT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com