Electronic Components Datasheet Search
  English  ▼

X  

MPR084Q Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPR084Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084Q Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPR084Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
MPR084
Sensors
Freescale Semiconductor
19
Preliminary
6
Output Mechanisms
6.1
Introduction
The MPR084 has three primary methods for reporting data in addition to an IRQ output that is described in Chapter 7. The three
output systems are described in this section.
6.2
Instantaneous
The Instantaneous output shows the current status of the user interface. This information is displayed in terms of the current
touched pad position that is touched. Only one touch can be shown at a time.
6.2.1
Touch Pad Status Register
The Touch Pad Status Register is a read only register for determining the current status of the touch pad. The I2C slave address
of the Touch Pad Status Register is 0x02.
Figure 22. Touch Pad Status Register
7
6
543210
R
E8S
E7S
E6S
E5S
E4S
E3S
E2S
E1S
W
Reset:
0
0
000000
= Unimplemented
Table 13. Touch Pad Status Register Field Descriptions
Field
Description
7
E8S
Electrode 8 Status – The Electrode 8 Status bit shows whether or not electrode 8 is touched.
0 Electrode 8 untouched
1 Electrode 8 touched
6
E7S
Electrode 7 Status – The Electrode 7 Status bit shows whether or not electrode 7 is touched.
0 Electrode 7 untouched
1 Electrode 7 touched
5
E6S
Electrode 6 Status – The Electrode 6 Status bit shows whether or not electrode 6 is touched.
0 Electrode 6 untouched
1 Electrode 6 touched
4
E5S
Electrode 5 Status – The Electrode 5 Status bit shows whether or not electrode 5 is touched.
0 Electrode 5 untouched
1 Electrode 5 touched
3
E4S
Electrode 4 Status – The Electrode 4 Status bit shows whether or not electrode 4 is touched.
0 Electrode 4 untouched
1 Electrode 4 touched
2
E3S
Electrode 3 Status – The Electrode 3 Status bit shows whether or not electrode 3 is touched.
0 Electrode 3 untouched
1 Electrode 3 touched
1
E2S
Electrode 2 Status – The Electrode 2 Status bit shows whether or not electrode 2 is touched.
0 Electrode 2 untouched
1 Electrode 2 touched
0
E1S
Electrode 1 Status – The Electrode 1 Status bit shows whether or not electrode 1 is touched.
0 Electrode 1 untouched
1 Electrode 1 touched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com