Electronic Components Datasheet Search
  English  ▼

X  

LM4871 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM4871
Description  Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM4871 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM4871 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM4871 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
XPT4871 的封装和引脚
XPT4871 的封装和引脚
XPT4871
XPT4871
XPT4871 管脚描述(SOP 封装)
管脚号
符号
描述
1
SD
掉电控制管脚,控制逻辑如下:
SD=1:芯片掉电;SD=0:正常工作。
2
BYP
内部共模电压旁路电容。
3
+IN
模拟输入端,正相
4
-IN
模拟输入端,负相
5
VO1
模拟输出端
1
6
VDD 电源正极
7
GND 电源地
8
VO2
模拟输出端
2
XPT4871 的极限参数
参数
最小值
最大值
单位
说明
电源电压
1.8
6
V
储存温度
-65
150
oC
输入电压
-0.3
VDD+0.3V
V
功耗
mW
内部限制
ESD 电压 1
2000
V
HBM
ESD 电压 2
200
V
MM
节温
150
oC
典型值
150
推荐工作温度
-40
85
oC
推荐工作电压
2.0
5.5
热阻
oC/W
以下
6 项
θJC(MSOP)
56
oC/W
θJA(MSOP)
190
oC/W
θJC(LLP )
4.3
oC/W
θJA(LLP )
56
oC/W
θJA(SOP)
170
oC/W
θJC(SOP)
35
oC/W
焊接温度
215
oC
10 秒内



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com