Electronic Components Datasheet Search
  English  ▼

X  

CFN Datasheet(PDF) 6 Page - Clarke International

Part # CFN
Description  AIR FRAME NAILER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFN Datasheet(HTML) 6 Page - Clarke International

Back Button CFN Datasheet HTML 2Page - Clarke International CFN Datasheet HTML 3Page - Clarke International CFN Datasheet HTML 4Page - Clarke International CFN Datasheet HTML 5Page - Clarke International CFN Datasheet HTML 6Page - Clarke International CFN Datasheet HTML 7Page - Clarke International CFN Datasheet HTML 8Page - Clarke International CFN Datasheet HTML 9Page - Clarke International CFN Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PREPARATION FOR USE
1. Screw the quick fit air intake
coupling to the nailer as shown on
the right.
PRELIMINARY CHECKS
Make sure that the air supply is not connected to the nailer. DO NOT put any
nails in the air nail gun until directed to do so in the following procedure.
It is essential that the air nail gun is lubricated before each use.
1. Use the CLARKE airline oil provided with your nailer to lubricate the safety
yoke and trigger mechanism. DO NOT use detergent oils or any oil that
contains artificial additives these may cause the nail gun to malfunction.
2. Place 2 or 3 drops of oil in to the air intake twice a day when the nailer is
being used.
3. Check all of the nailers screws for tightness.
CONNECTING THE AIR SUPPLY TO THE NAILER
Ensure you are wearing eye protection before connecting the air supply.
1. Push the hose from the compressor on to the nailer. The collar on the hose
connector will slide forward and click in place.
2. Refer to the air compressor instruction book for the starting procedures of
the compressor. Set the compressor output to 5.5 Bar (80 psi).
• Check that the nailer does not leak air.
CHECKING THE SAFETY MECHANISM
1. Hold the nailer in mid-air pointing downwards and pull the trigger.
WARNING: ALWAYS CHECK THE SAFETY MECHANISM BEFORE USING THE
NAILER. TO DO THIS, CARRY OUT THE SAFETY CHECKS IN THE PROCEDURE
DETAILED BELOW. WHEN USING THE NAIL GUN ALWAYS WEAR EYE
PROTECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com