Electronic Components Datasheet Search
  English  ▼

X  

CFN Datasheet(PDF) 15 Page - Clarke International

Part # CFN
Description  AIR FRAME NAILER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFN Datasheet(HTML) 15 Page - Clarke International

Back Button CFN Datasheet HTML 8Page - Clarke International CFN Datasheet HTML 9Page - Clarke International CFN Datasheet HTML 10Page - Clarke International CFN Datasheet HTML 11Page - Clarke International CFN Datasheet HTML 12Page - Clarke International CFN Datasheet HTML 13Page - Clarke International CFN Datasheet HTML 14Page - Clarke International CFN Datasheet HTML 15Page - Clarke International CFN Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONSUMABLES
The following consumables are available from your local Clarke dealer.
67
Flat washer
82
Bolt
68
Nut
83
Nut
69
Washer case
84
Bolt
70
Drive nail bar
85
Fixed seat
71
Bolt
86
Rubber handle case
72
Spacer
87
End cap washer
73
Bolt
88
End cap
74
Safety pipe
89
Bolt M5 x 20
75
Pusher
90
Air plug
76
Spring
91
Air plug case
77
Latch spring
78
Relesae latch
79
Pin
80
Spring core
81
Safety pipe case
NAILS - PACK of 200
Length
Part No:
50mm
18004144
63mm
18004145
75mm
18004246
90mm
18004247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com