Electronic Components Datasheet Search
  English  ▼

X  

AT94KAL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT94KAL
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94KAL Datasheet(HTML) 2 Page - ATMEL Corporation

  AT94KAL Datasheet HTML 1Page - ATMEL Corporation AT94KAL Datasheet HTML 2Page - ATMEL Corporation AT94KAL Datasheet HTML 3Page - ATMEL Corporation AT94KAL Datasheet HTML 4Page - ATMEL Corporation AT94KAL Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
1138IS–FPSLI–1/08
AT94KAL Series FPSLIC Summary
1.
Description
The AT94KAL Series FPSLIC family shown in Table 1-1 is a combination of the popular Atmel
AT40K Series SRAM FPGAs and the high-performance Atmel AVR 8-bit RISC microcontroller
with standard peripherals. Extensive data and instruction SRAM as well as device control and
management logic are included on this monolithic device, fabricated on Atmel’s 0.35µ five-layer
metal CMOS process.
The AT40K FPGA core is a fully 3.3V PCI-compliant, SRAM-based FPGA with distributed
10 ns programmable synchronous/asynchronous, dual-port/single-port SRAM, 8 global clocks,
Cache Logic ability (partially or fully reconfigurable without loss of data) and 5,000 to 40,000
usable gates.
Notes:
1. FPSLIC parts with JTAG ICE support can be identified by the letter “J” after the device date
code, e.g., 4201 (no ICE support) and 4201J (with ICE support), see Figure 1-1.
Table 1-1.
The AT94K Series Characteristics
Device
AT94K05AL
AT94K10AL
AT94K40AL
FPGA Gates
5K
10K
40K
FPGA Core Cells
256
576
2304
FPGA SRAM Bits
2048
4096
18432
FPGA Registers (Total)
436
846
2862
Maximum FPGA User I/O
96
116
120
AVR Programmable I/O
Lines
816
16
Program SRAM
4 Kbytes - 16 Kbytes
20 Kbytes - 32
Kbytes
20 Kbytes - 32
Kbytes
Data SRAM
4 Kbytes - 16 Kbytes
4 Kbytes- 16 Kbytes
4 Kbytes - 16 Kbytes
Hardware Multiplier (8-bit)
Yes
Yes
Yes
2-wire Serial Interface
Yes
Yes
Yes
UARTs
2
2
2
Watchdog Timer
Yes
Yes
Yes
Timer/Counters
3
3
3
Real-time Clock
Yes
Yes
Yes
JTAG ICE
Yes(1)
Yes(1)
Yes(1)
Typical AVR
throughput
@ 25
MHz
19 MIPS
19 MIPS
19 MIPS
Operating Voltage
3.0 - 3.6V
3.0 - 3.6V
3.0 - 3.6V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com