Electronic Components Datasheet Search
  English  ▼

X  

AT94KAL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT94KAL
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94KAL Datasheet(HTML) 4 Page - ATMEL Corporation

  AT94KAL Datasheet HTML 1Page - ATMEL Corporation AT94KAL Datasheet HTML 2Page - ATMEL Corporation AT94KAL Datasheet HTML 3Page - ATMEL Corporation AT94KAL Datasheet HTML 4Page - ATMEL Corporation AT94KAL Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
1138IS–FPSLI–1/08
AT94KAL Series FPSLIC Summary
The embedded AVR core achieves throughputs approaching 1 MIPS per MHz by executing
powerful instructions in a single-clock cycle, and allows system designers to optimize power
consumption versus processing speed. The AVR core is based on an enhanced RISC architec-
ture that combines a rich instruction set with 32 general-purpose working registers. All 32
registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code-efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers at the same clock frequency. The AVR executes out of on-chip
SRAM. Both the FPGA configuration SRAM and the AVR instruction code SRAM can be auto-
matically loaded at system power-up using Atmel’s In-System Programmable (ISP) AT17 Series
EEPROM Configuration Memories.
State-of-the-art FPSLIC design tools, System Designer, were developed in conjunction with the
FPSLIC architecture to help reduce overall time-to-market by integrating microcontroller devel-
opment and debug, FPGA development and Place and Route, and complete system
co-verification in one easy-to-use software tool.
Table 1-2.
FPSLIC Configuration Devices
FPSLIC Device
FPSLIC Configuration
Device
Configuration Data
Spare Memory
AT94K05
AT17LV256
226520 Bits
35624 Bits
AT94K10
AT17LV512
430488 Bits
93800 Bits
AT94K40
AT17LV010
815382 Bits
233194 Bits



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com