Electronic Components Datasheet Search
  English  ▼

X  

DN84 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # DN84
Description  ZXSC400 Driving 3W high power LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN84 Datasheet(HTML) 1 Page - Zetex Semiconductors

  DN84 Datasheet HTML 1Page - Zetex Semiconductors DN84 Datasheet HTML 2Page - Zetex Semiconductors DN84 Datasheet HTML 3Page - Zetex Semiconductors DN84 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 1 - August 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
DN84
ZXSC400 Driving 3W high power LEDs
Ray Liu, Applications Engineer, Zetex Semiconductors
Description
This design note shows the ZXSC400 driving a single 3W LED. The input voltage ranges from 1.8V
to 3.6V with constant output current of 700mA down to 2.6V with an overall 80% of efficiency.
Figure 1 shows typical constant current solution with ZXSC400 driving one 3W LED. The input
voltage range allows the use of two alkaline batteries or one Lithium Ion cell (CR123A) for
portable flashlight applications.
Q1 and Q2 forms a pseudo Darlington pair which provide enough current gain for a switching
current up to 1.5A. In order to provide better switch off performance, a Schottky diode, D2, is used
to drain the base current from the base of Q1 directly. In order to achieve higher efficiency, current
monitor U2 is used to provide a low voltage drop LED current sensing through the low ohmic
resistor, R2. The LED current is converted to 300mV feedback voltage through R3.
Figure 1
Schematic diagram
Q2
D2
Q1
D1
VIN = 1.8V to 3V
D1
C3
C2
L1
R1
R5
R4
U1
VCC
Stdn
GND
VDRIVE
ISENSE
VFB
ZXSC400
ZXCT1009
VSENSE-
VSENSE+
IOUT
R6
R3
R2
U2
C1
C1


Similar Part No. - DN84

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DN8140 MACOM-DN8140 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
DN8155 MACOM-DN8155 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
logo
Panasonic Semiconductor
DN835 PANASONIC-DN835 Datasheet
196Kb / 4P
HALL IC(LINEAR TYPE)
DN838 PANASONIC-DN838 Datasheet
220Kb / 5P
HALL IC(SWITCH TYPE)
logo
Zetex Semiconductors
DN85 ZETEX-DN85 Datasheet
162Kb / 6P
ZXSC400 1W/3W buck LED drivers
More results

Similar Description - DN84

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DN70 ZETEX-DN70 Datasheet
111Kb / 4P
ZXSC400 Driving 2 serial high power LEDs
DN85 ZETEX-DN85 Datasheet
162Kb / 6P
ZXSC400 1W/3W buck LED drivers
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
logo
CITIZEN ELECTRONICS CO....
LED CITIZEN-LED Datasheet
65Kb / 2P
Driving LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
ADTech
ADT6752 ADTECH-ADT6752 Datasheet
67Kb / 1P
Step-down converter designed for driving high power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
L5107 UTC-L5107_15 Datasheet
239Kb / 8P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com