Electronic Components Datasheet Search
  English  ▼

X  

DN84 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # DN84
Description  ZXSC400 Driving 3W high power LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN84 Datasheet(HTML) 2 Page - Zetex Semiconductors

  DN84 Datasheet HTML 1Page - Zetex Semiconductors DN84 Datasheet HTML 2Page - Zetex Semiconductors DN84 Datasheet HTML 3Page - Zetex Semiconductors DN84 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DN84
www.zetex.com
2
Issue 1 - August 2007
© Zetex Semiconductors plc 2007
Ref.
Value
Part number
Manufacturer
Comments
U1
ZXSC400E6
Zetex
LED driver in SOT23-6
U2
ZXCT1009
Zetex
Current monitor in SOT23
Q1
ZXTN25012EFH
Zetex
Low sat NPN in SOT23
Q2
ZXTN25012EFL
Zetex
Low sat NPN in SOT23
D1
ZHCS2000
Zetex
2A Schottky in SOT23
D2
ZHCS400
Zetex
400mA Schottky
L1
15 H
744 561 15
Wurth Electronik
ISAT = 3A DCR=60m
R1
20m
1%
Generic
Generic
0805 size low ohmic
R2
50m
1%
Generic
Generic
0805 size low ohmic
R3
820
1%
Generic
Generic
0805 size
R4
82
5%
Generic
Generic
0805 size
R5
4.7
5%
Generic
Generic
0805 size
R6
10
5%
Generic
Generic
0805 size
C1
22 F 10V 10%
Generic
Generic
1206 size X7R/X5R
C2
4.7 F 10V 10%
Generic
Generic
1206 size X7R/X5R
C3
0.22 F 16V
10%
Generic
Generic
C4
330pF/10V
Generic
Generic
0805 size
Table 1
Bill of materials



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com