Electronic Components Datasheet Search
  English  ▼

X  

SC5833 Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # SC5833
Description  2.92mm Female (Jack) Bulkhead Connector For RG405 Cable, Solder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC5833 Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  SC5833 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 3Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 4Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
3
© 2023 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
2.92mm Female (Jack) Bulkhead Connector
For RG405 Cable, Solder
SC5833
Assembly Instruction
PRE-TIN CABLE JACKET TO THE REFERENCE LENGTH AS SHOWN. ONLY FOR COPPER
1.
OUTER CONDUCTOR CABLE.
2.
STRIP CABLE TO THE DIMENSIONS AS SHOWN TO EXPOSE CENTER
CONDUCTOR AND DIELECTRIC. DO NOT NICK CENTER CONDUCTOR.
3.
SLIDE CABLE INTO CONNECTOR INSURING CENTER CONDUCTOR MATES
WITH CENTER PIN.
4.
OUTER CONDUCTOR BOTTOMS OUT WITH BODY SHOULDER. SOLDER OUTER
CONDUCTOR TO BODY.
.205
5.21
REF.
PRE-TIN
(FOR COPPER ONLY)
.015
0.38
.090
2.29



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com