Electronic Components Datasheet Search
  English  ▼

X  

SC5833 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC5833
Description  2.92mm Female (Jack) Bulkhead Connector For RG405 Cable, Solder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC5833 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC5833 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 3Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 4Page - Infinite Electronics International, Inc. SC5833 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2023 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
2.92mm Female (Jack) Bulkhead Connector
For RG405 Cable, Solder
SC5833
Configuration
• 2.92mm Female Connector
• 50 Ohms
• Straight Body Geometry
• Connector Interface Types: RG405
• Bulkhead
Features
• Operating Frequency of 40 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
Description
2.92mm Female Bulkhead Standard Bulkhead Connector Solder Attachment for RG405 Cable, part number SC5833, from Fairview Microwave
is in-stock and ships same day. This 2.92mm female connector operates up to a maximum frequency of 40 GHz and offers good VSWR of
1.3:1. Fairview's SC5833 bulkhead 2.92mm connector enables designers to make external connections on product enclosures, and can be
used in a variety of other rack mount and panel mount applications.
Fairview's 2.92mm female bulkhead connector SC5833 datasheet specifications and outline drawing are shown in this PDF below. Our
extensive offering of RF, microwave and millimeter wave connectors allows designers to configure and customize their signal connections
however they like. From providing an I/O for a board design to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise to build your custom cable assemblies for you and ship
them same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.3:1
Impedance
50
Ohms
Mechanical Specifications
Size
Length
Width
Height
Weight
Mating Cycles
0.64 in [16.26 mm]
0.437 in [11.10 mm]
0.437 in [11.10 mm]
0.011 lbs [4.99 g]
500 Cycles


Similar Part No. - SC5833

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SC583-50 HAMMOND-SC583-50 Datasheet
303Kb / 2P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
12/15/2018
SC583-50 HAMMOND-SC583-50 Datasheet
636Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
SC583-50 HAMMOND-SC583-50 Datasheet
640Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
SC583-50 HAMMOND-SC583-50 Datasheet
592Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 30.5mm push buttons
SC583-50 HAMMOND-SC583-50 Datasheet
592Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 30.5mm push buttons
More results

Similar Description - SC5833

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE34745 PASTERNACK-PE34745 Datasheet
290Kb / 1P
CABLE ASSEMBLY PE-SR402FL, 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
PE34747 PASTERNACK-PE34747 Datasheet
289Kb / 1P
CABLE ASSEMBLY RG405/U 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
PE34743 PASTERNACK-PE34743 Datasheet
116Kb / 1P
CABLE ASSEMBLY, PE-SR402AL, 2.92MM MALE TO 2.92MM FEMALE BULKHEAD
PE4362 PASTERNACK-PE4362 Datasheet
231Kb / 3P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4988 PASTERNACK-PE4988 Datasheet
274Kb / 2P
2.92mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE34747LF PASTERNACK-PE34747LF Datasheet
237Kb / 1P
CABLE ASSEMBLY, RG405/U, 2.92mm MALE TO 2.92mm FEMALE BULKHEAD (LEAD FREE)
PE34749LF PASTERNACK-PE34749LF Datasheet
237Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
logo
CRYSTEK CORPORATION
CS-FF-MJB CRYSTEKMICROWAVE-CS-FF-MJB Datasheet
116Kb / 3P
2.92mm Jack, Solder Clamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com