Electronic Components Datasheet Search
  English  ▼

X  

TSV994AIPT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV994AIPT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV994AIPT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV994AIPT Datasheet HTML 7Page - STMicroelectronics TSV994AIPT Datasheet HTML 8Page - STMicroelectronics TSV994AIPT Datasheet HTML 9Page - STMicroelectronics TSV994AIPT Datasheet HTML 10Page - STMicroelectronics TSV994AIPT Datasheet HTML 11Page - STMicroelectronics TSV994AIPT Datasheet HTML 12Page - STMicroelectronics TSV994AIPT Datasheet HTML 13Page - STMicroelectronics TSV994AIPT Datasheet HTML 14Page - STMicroelectronics TSV994AIPT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TSV991-TSV992-TSV994
Package information
11/18
3.1
SOT23-5 package information
Figure 14.
SOT23-5 package mechanical drawing
Table 6.
SOT23-5 package mechanical data
Ref.
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.00
5.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e
0.95
37.4
e1
1.9
74.8
L
0.35
0.55
13.7
21.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com