Electronic Components Datasheet Search
  English  ▼

X  

TSV994AIPT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV994AIPT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV994AIPT Datasheet(HTML) 4 Page - STMicroelectronics

  TSV994AIPT Datasheet HTML 1Page - STMicroelectronics TSV994AIPT Datasheet HTML 2Page - STMicroelectronics TSV994AIPT Datasheet HTML 3Page - STMicroelectronics TSV994AIPT Datasheet HTML 4Page - STMicroelectronics TSV994AIPT Datasheet HTML 5Page - STMicroelectronics TSV994AIPT Datasheet HTML 6Page - STMicroelectronics TSV994AIPT Datasheet HTML 7Page - STMicroelectronics TSV994AIPT Datasheet HTML 8Page - STMicroelectronics TSV994AIPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
TSV991-TSV992-TSV994
4/18
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC = +2.5V, VDD = 0V, Vicm = VCC/2, with RL connected to
VCC/2, full temperature range (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV99x
T= 25°C
Tmin < Top < Tmax
-
-
0.1
-
4.5
7.5
mV
TSV99xA
T=25°C
Tmin < Top < Tmax
-
-
-
-
1.5
3
DVio
Input offset voltage drift
-
2
-
µV/°C
Iio
Input offset current(2)
(Vout =VCC/2)
T= 25°C
Tmin < Top < Tmax
-
-
1
-
10
100
pA
Iib
Input bias current(2)
(Vout =VCC/2)
T= 25°C
Tmin < Top < Tmax
-
-
1
-
10
100
pA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0V to 2.5V, Vout = 1.25V
58
75
-
dB
Avd
Large signal voltage gain
RL= 10kΩ, Vout= 0.5V to 2V, T= 25°C
Tmin < Top < Tmax
80
75
89
-
-
-
dB
VCC-VOH High level output voltage
RL = 10kΩ
RL = 600Ω
15
45
40
150
mV
VOL
Low level output voltage
RL = 10kΩ
RL = 600Ω
-
15
45
40
150
mV
Iout
Isink
Vo = 2.5V, T= 25°C
Tmin < Tamb < Tmax
18
16
32
-
-
-
mA
Isource
Vo = 0V, T= 25°C
Tmin < Tamb < Tmax
18
16
35
-
-
-
ICC
Supply current (per operator) No load, Vout=VCC/2
-
0.78
1.1
mA
AC performance
GBP
Gain bandwidth product
RL=2kΩ, CL= 100pF, f = 100kHz,
T=25°C
-20-
MHz
φm
Phase margin
RL=2kΩ, CL= 100pF, G=5,
f=100kHz, T=25°C
-
60
-
Degrees
Gm
Gain margin
RL=2kΩ, CL=100pF, φm=40°, T=25°C
-
2.5
-
dB
SR
Slew rate
RL =2kΩ, CL = 100pF, T=25°C
-
10
-
V/µs
en
Equivalent input noise
voltage
f=10kHz, T=25°C
-
21
-
THD+en Total harmonic distortion
G=1, f=1kHz, RL=2kΩ, Bw=22kHz,
Vicm=(VCC+1)/2, Vout=1.1Vpp, T=25°C
-0.0017-
%
1.
All parameter limits at temperatures other than 25°C are guaranteed by correlation.
2.
Guaranteed by design.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com