Electronic Components Datasheet Search
  English  ▼

X  

TSV994IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV994IDT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV994IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSV994IDT Datasheet HTML 1Page - STMicroelectronics TSV994IDT Datasheet HTML 2Page - STMicroelectronics TSV994IDT Datasheet HTML 3Page - STMicroelectronics TSV994IDT Datasheet HTML 4Page - STMicroelectronics TSV994IDT Datasheet HTML 5Page - STMicroelectronics TSV994IDT Datasheet HTML 6Page - STMicroelectronics TSV994IDT Datasheet HTML 7Page - STMicroelectronics TSV994IDT Datasheet HTML 8Page - STMicroelectronics TSV994IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2008
Rev 5
1/18
18
TSV991-TSV992-TSV994
Rail-to-rail input/output 20 MHz GBP operational amplifiers
Features
■ Low input offset voltage: 1.5 mV max
■ Rail-to-rail input and output
■ Wide bandwidth 20 MHz, stable for gain
≥ 3
■ Low power consumption: 1.1 mA maximum
■ High output current: 35 mA
■ Operating from 2.5 V to 5.5 V
■ Low input bias current, 1 pA typ
■ ESD internal protection
≥ 5kV
■ Latch-up immunity
Applications
■ Battery-powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation
■ Automotive
Description
The TSV991/2/4 family of single, dual and quad
operational amplifiers offers low voltage operation
and rail-to-rail input and output.
This family features an excellent speed/power
consumption ratio, offering a 20 MHz gain-
bandwidth, stable for gain above 3 (100 pF
capacitive load), while consuming only 1.1 mA
max at 5 V supply voltage. It also features an
ultra-low input bias current.
These characteristics make the TSV991/2/4
family ideal for sensor interfaces, battery-supplied
and portable applications, as well as active
filtering.
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
SOT23-5
SO-14, TSSOP14
MiniSO-8, SO-8
Pin connections
(top view)
www.st.com


Similar Part No. - TSV994IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV994IDT STMICROELECTRONICS-TSV994IDT Datasheet
483Kb / 18P
Rail-to-rail input/output 20MHz GBP operational amplifiers
12-Dec-2006
logo
List of Unclassifed Man...
TSV994IDT ETC2-TSV994IDT Datasheet
989Kb / 25P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
More results

Similar Description - TSV994IDT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8616 AD-AD8616 Datasheet
495Kb / 16P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
4/04-Data Sheet Changed from Rev. 0 to Rev. A
AD8615 AD-AD8615 Datasheet
190Kb / 5P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991 Datasheet
483Kb / 18P
Rail-to-rail input/output 20MHz GBP operational amplifiers
12-Dec-2006
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com