Electronic Components Datasheet Search
  English  ▼

X  

TSV994IDT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSV994IDT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV994IDT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSV994IDT Datasheet HTML 10Page - STMicroelectronics TSV994IDT Datasheet HTML 11Page - STMicroelectronics TSV994IDT Datasheet HTML 12Page - STMicroelectronics TSV994IDT Datasheet HTML 13Page - STMicroelectronics TSV994IDT Datasheet HTML 14Page - STMicroelectronics TSV994IDT Datasheet HTML 15Page - STMicroelectronics TSV994IDT Datasheet HTML 16Page - STMicroelectronics TSV994IDT Datasheet HTML 17Page - STMicroelectronics TSV994IDT Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Ordering information
TSV991-TSV992-TSV994
16/18
4
Ordering information
Table 9.
Order codes(1)
1.
All packages are Moisture Sensitivity Level 1 as per Jedec J-STD-020-C, except SO-14 which is Jedec
level 3.
Order code
Temperature range
Package
Packing
Marking
TSV991ILT
-40°C to +125°C
SOT23-5
Tape & reel
K130
TSV991AILT
K129
TSV992IST
MiniSO-8
K132
TSV992AIST
K135
TSV992ID
TSV992IDT
SO-8
Tube
or tape & reel
V992I
TSV992AID
TSV992AIDT
V992AI
TSV994IPT
TSSOP14
Tape & reel
V994I
TSV994AIPT
V994AI
TSV994ID
TSV994IDT
SO-14(1)
Tube
or tape & reel
V994I
TSV994AID
TSV994AIDT
V994AI
TSV991IYD(2)
TSV991IYDT(2)
2.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-8
Automotive grade
Tube
or tape & reel
V991IY
TSV991AIYD(2)
TSV991AIYDT(2)
V991AY
TSV992IYD(2)
TSV992IYDT(2)
V992IY
TSV992AIYD(2)
TSV992AIYDT(2)
V992AY
TSV994IYD(2)
TSV994IYDT(2)
SO-14(1)
Automotive grade
V994IY
TSV994AIYD(2)
TSV994AIYDT(2)
V994AY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com