Electronic Components Datasheet Search
  English  ▼

X  

TSV994AID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSV994AID
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV994AID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSV994AID Datasheet HTML 4Page - STMicroelectronics TSV994AID Datasheet HTML 5Page - STMicroelectronics TSV994AID Datasheet HTML 6Page - STMicroelectronics TSV994AID Datasheet HTML 7Page - STMicroelectronics TSV994AID Datasheet HTML 8Page - STMicroelectronics TSV994AID Datasheet HTML 9Page - STMicroelectronics TSV994AID Datasheet HTML 10Page - STMicroelectronics TSV994AID Datasheet HTML 11Page - STMicroelectronics TSV994AID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
TSV991-TSV992-TSV994
8/18
Figure 7.
Voltage gain and phase vs
frequency at VCC=5V and Vicm=0.5V
Figure 8.
Voltage gain and phase vs
frequency at VCC=5V and Vicm=2.5V
10
4
10
5
10
6
10
7
10
8
-50
-50
-40
-40
-30
-30
-20
-20
-10
-10
0
0
10
10
20
20
30
30
40
40
50
50
-200
-160
-120
-80
-40
0
40
80
120
160
200
Phase
Vcc=5V, Vicm=0.5V
Cl=100pF, Rl=2KOhm, Vrl=Vcc/2
Tamb=25 C
Gain
Frequency (Hz)
Figure 9.
Positive slew rate
Figure 10.
Negative slew rate
Vin : from 0.5V to Vcc-0.5V
SR : calculated from 10% to 90%
Vin : from 0.5V to Vcc-0.5V
SR : calculated from 10% to 90%
Figure 11. Distortion + noise vs. frequency
Figure 12.
Distortion + noise vs. output
voltage
10
100
1000
10000
100000
1E-4
1E-3
0.01
Vcc=2.5V
0.01
0.1
1
0.001
0.010
0.100
f=1kHz
Rl=2kOhms
Gain=1
BW=22kHz
Vicm=(Vcc+1V)/2
Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com