Electronic Components Datasheet Search
  English  ▼

X  

TSV994AID Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSV994AID
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV994AID Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSV994AID Datasheet HTML 10Page - STMicroelectronics TSV994AID Datasheet HTML 11Page - STMicroelectronics TSV994AID Datasheet HTML 12Page - STMicroelectronics TSV994AID Datasheet HTML 13Page - STMicroelectronics TSV994AID Datasheet HTML 14Page - STMicroelectronics TSV994AID Datasheet HTML 15Page - STMicroelectronics TSV994AID Datasheet HTML 16Page - STMicroelectronics TSV994AID Datasheet HTML 17Page - STMicroelectronics TSV994AID Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TSV991-TSV992-TSV994
Revision history
17/18
5
Revision history
Date
Revision
Changes
31-Jul-2006
1
Preliminary data release for product under development.
07-Nov-2006
2
Final version of datasheet.
12-Dec-2006
3
Noise and distortion figures added.
07-Jun-2007
4
ESD tolerance modified for SO-14, CDM in Table 1: Absolute
maximum ratings (AMR).
Automotive grade commercial products added in Table 9: Order
codes.
Note about SO-14 added in Table 9: Order codes.
Limits in temperature added in Section 2: Electrical characteristics.
11-Feb-2008
5
Corrected MiniSO-8 package information.
Corrected footnote for automotive grade order codes in order code
table.
Improved presentation of package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com